Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7500A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7500A
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7500A Datasheet HTML 5Page - STMicroelectronics TDA7500A Datasheet HTML 6Page - STMicroelectronics TDA7500A Datasheet HTML 7Page - STMicroelectronics TDA7500A Datasheet HTML 8Page - STMicroelectronics TDA7500A Datasheet HTML 9Page - STMicroelectronics TDA7500A Datasheet HTML 10Page - STMicroelectronics TDA7500A Datasheet HTML 11Page - STMicroelectronics TDA7500A Datasheet HTML 12Page - STMicroelectronics TDA7500A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9/40
TDA7500A
I/O DEFINITION AND STATUS
O: logic low output
X: undefined input/output
Z: high impedance
1: logic input output
96
DACREF<2>
I
Voltage Reference (Input). External decoupling of the analog
references of the CODEC and voltage biasing.
97
DACREF<1>
I
Voltage Reference (Input). It can be connected to pin 100.
98
DACREF<0>
I
Voltage Reference (Input). External decoupling of the analog
references of the CODEC and voltage biasing.
99
DACGND
Analog Ground pin dedicated to the D/A converter.
100
DACVDD
Analog Supply pin dedicated to the D/A converter.
Pin
#
Function
Reset
State
After Boot
I/O
Comments
SPI
I2C
EMI
1
GND1
supply
2
VDD1
supply
To be connected
to VDD
3
TESTEN
X
X
X
X
input
To be connected
to GND
4
TESTSE
X
X
X
X
input
Ext. Pulldown
5
NRESET
X
X
X
X
input 5VT
6
MSPI: SCKM input
MSPI: SCKM output
I2C: SCL bi-direct
DSP0: GPIO0 input
DSP0: GPIO0 output
X
X
(1)
(1)
input 5VT
output 4mA PP
input 5VT/output 4mA OD
input 5VT
output 4mA OD
(1) undefined
input
7
MSPI: MISOM input
MSPI: MISOM output
I2C: SDA bi-direct
DSP0: GPIO1 input
DSP0: GPIO1 output
X
0 or 1
X
X
X
X
input 5VT
output 4mA OD
input 5VT/output 4mA OD
input 5VT
output 4mA PP
8
MSPI: MOSIM input
MSPI: MOSIM output
DSP0: GPIO2 input
DSP0: GPIO2 output
X
X
X
X
input 5VT
output 4mA OD
input 5VT
output 4mA OD
9
MSPI: SSM input
DSP0: GPIO3 input
DSP0: GPIO3 output
X
X
XX
input 5VT
input 5VT
output 4mA PP
10
DSPI: SCKD input
DSPI: SCKD output
DSP0: GPIO4 input
DSP0: GPIO4 output
X
X
X
X
input 5VT
output 4mA PP
input 5VT
output 4mA PP
N°
Name
Type
Description
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com