Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232CBZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL3232CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CBZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL3232CBZ Datasheet HTML 1Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 2Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 3Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 4Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 5Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
1. Overview
FN4805 Rev.23.00
Page 4 of 36
Apr.26.19
1.2
Ordering Information
ICL3241
ICL3243
Part Number (Notes 2, 3)
Part Marking Temp. Range (°c)
Tape and Reel
(Units) (Note 1)
Package
(RoHS Compliant)
Pkg. Dwg. #
ICL3221CAZ
ICL3221CAZ
0 to 70
-
16 Ld SSOP
M16.209
ICL3221CAZ-T
ICL3221CAZ
0 to 70
1k
16 Ld SSOP
M16.209
ICL3221CVZ
3221CVZ
0 to 70
-
16 Ld TSSOP
M16.173
ICL3221CVZ-T
3221CVZ
0 to 70
2.5k
16 Ld TSSOP
M16.173
ICL3221IAZ
ICL3221IAZ
-40 to 85
-
16 Ld SSOP
M16.209
ICL3221IAZ-T
ICL3221IAZ
-40 to 85
1k
16 Ld SSOP
M16.209
ICL3221IAZ-T7A
ICL3221IAZ
-40 to 85
250
16 Ld SSOP
M16.209
ICL3222CAZ (No longer available,
recommended replacement:
ICL3222ECAZ)
ICL3222CAZ
0 to 70
-
20 Ld SSOP
M20.209
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
1
2
R1OUT
R1IN
4
5kΩ
R2OUT
R2IN
5
18
5kΩ
R3OUT
R3IN
6
17
5kΩ
R4OUT
R4IN
7
16
5kΩ
R5OUT
R5IN
R5
8
15
5kΩ
19
R2OUTB
C1
C2
+ C3
C4
EN
SHDN
23
GND
22
+3.3V
+
0.1µF
20
25
VCC
R1OUTB
21
R1
R2
R3
R4
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
1
2
R1OUT
R1IN
4
5kΩ
R2OUT
R2IN
5
18
5kΩ
R3OUT
R3IN
6
17
5kΩ
R4OUT
R4IN
7
16
5kΩ
R5OUT
R5IN
R5
8
15
5kΩ
19
R2OUTB
C1
C2
+ C3
C4
FORCEON
FORCEOFF
23
GND
22
+3.3V
+
0.1µF
20
25
VCC
R1
R2
R3
R4
21
INVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com