Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232CBZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL3232CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CBZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL3232CBZ Datasheet HTML 1Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 2Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 3Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 4Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 5Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FN4805 Rev.23.00
Page 1 of 36
Apr.26.19
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
One Microamp Supply-Current, +3V to +5.5V, 250kbps, RS-232
Transmitters/Receivers
Datasheet
The ICL3221, ICL3222, ICL3223, ICL3232, ICL3241,
ICL3243 (ISL32xx) devices are 3.0V to 5.5V powered
RS-232 transmitters/receivers that meet ElA/TIA-232
and V.28/V.24 specifications, even at VCC =3.0V.
Targeted applications are PDAs, notebook, and laptop
computers where the low operational power
consumption and even lower standby power
consumption are critical. Efficient on-chip charge
pumps, coupled with manual and automatic
power-down functions (except for the ICL3232),
reduce the standby supply current to a 1µA trickle.
Small footprint packaging, and the use of small, low
value capacitors ensure board space savings as well.
Data rates greater than 250kbps are ensured at worst
case load conditions. This family is fully compatible
with 3.3V only systems, mixed 3.3V and 5.0V
systems, and 5.0V only systems.
The ICL324x are 3-driver, 5-receiver devices that
provide a complete serial port suitable for laptop or
notebook computers. Both devices also include
noninverting always-active receivers for “wake-up”
capability.
The ICL3221, ICL3223 and ICL3243 feature an
automatic powerdown function that powers down the
on-chip power-supply and driver circuits. Power-down
occurs when an attached peripheral device is shut off
or the RS-232 cable is removed, conserving system
power automatically without changes to the hardware
or operating system. These devices power up again
when a valid RS-232 voltage is applied to any
receiver input.
Table 1 on page 6 summarizes the features of the
devices represented by this datasheet, while
Application Note AN9863 summarizes the features of
each device comprising the ICL32xx 3V family.
Related Literature
For a full list of related documents, visit our website:
• ICL3221, ICL3222, ICL3223, ICL3232, ICL3241,
and ICL3243 device pages
Features
• RoHS Compliant
• 15kV ESD protected (Human Body Model)
• Drop-in replacements for MAX3221, MAX3222,
MAX3223, MAX3232, MAX3241, MAX3243,
SP3243
• ICL3221 is a low-power, pin compatible upgrade for
5V MAX221
• ICL3222 is a low-power, pin compatible upgrade for
5V MAX242, and SP312A
• ICL3232 is a low-power upgrade for HIN232/ICL232
and pin compatible competitor devices
• RS-232 compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 specifications at
3V
• Latch-up free
• On-chip voltage converters require only four
external 0.1µF capacitors
• Manual and automatic powerdown features (except
ICL3232)
• Assured mouse driveability (ICL324x only)
• Receiver hysteresis for improved noise immunity
• Assured minimum data rate: 250kbps
• Assured minimum slew rate: 6V/
μs
• Wide power supply range: single +3V to +5.5V
• Low supply current in powerdown state:1µA
Applications
• Any system requiring RS-232 communication ports
○ Battery powered, hand-held, and portable
equipment
○ Laptop computers, Notebooks
○ Modems, printers, and other peripherals
○ Digital cameras
○ Cellular/mobile phones


Similar Part No. - ICL3232CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232CBZ INTERSIL-ICL3232CBZ Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CBZ INTERSIL-ICL3232CBZ Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CBZ INTERSIL-ICL3232CBZ Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CBZ INTERSIL-ICL3232CBZ Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBZ INTERSIL-ICL3232CBZ Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
More results

Similar Description - ICL3232CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
October 21, 2005
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com