Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232CBZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICL3232CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CBZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICL3232CBZ Datasheet HTML 5Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232CBZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
2. Specifications
FN4805 Rev.23.00
Page 9 of 36
Apr.26.19
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
Parameter
Minimum
Maximum
Unit
VCC to Ground
-0.3
6
V
V+ to Ground
-0.3
7
V
V- to Ground
+0.3
-7
V
V+ to V-
14
V
Input Voltages
TIN, FORCEOFF, FORCEON, EN, SHDN
-0.3
6
V
RIN
±25
V
Output Voltages
TOUT
±13.2
V
ROUT, INVALID
-0.3
VCC +0.3
V
Short-Circuit Duration
TOUT
Continuous
ESD Rating
(See ESD Performance)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
16 Ld PDIP Package (Note 5)90
16 Ld Wide SOIC Package
100
16 Ld Narrow SOIC Package
115
18 Ld SOIC Package
75
28 Ld SOIC Package
75
16 Ld SSOP Package
135
20 Ld SSOP Package
122
16 Ld TSSOP Package
145
20 Ld TSSOP Package
140
28 Ld SSOP and TSSOP Packages
100
Notes:
4. θJA is measured with the component mounted on a low-effective thermal conductivity test board in free air. See TB379.
5. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing
applications.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature (Plastic Package)
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile (SOIC, SSOP, TSSOP Only)
see TB493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com