Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90SD1636CFCE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90SD1636CFCE
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFCE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90SD1636CFCE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFCE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
PS8922A
11/08/07
Features
• IEEE 802.3z Gigabit Ethernet Compliant
• Supports 1.25 Gbps Using NRZ Coding over uncompensated
twin coax cable
• Fully integrated CMOS IC
• Low Power Consumption
• ESD rating >2000V (Human Body Model) or > 200V (Ma-
chine Model)
• 5-Volt Input Tolerance
• Pin-Compatible with Agilent HDMP1636A/HDMP- 1646A
and Vitesse VSC7123 transceivers (see Appendix A)
• Packaging (Pb-free & Green available):
- 64-pin LQFP (FC)
- 64-pin LQFP (FD)
Applications
• Gigabit Ethernet
• Serial Backplane
• Proprietary point-to-point applicaitons
• Passive Optical Networks
Description
The PI90SD1636C is a single chip, Gigabit Ethernet transceiver.
It performs all the functions of the Physical Medium Attachment
(PMA) portion of the Physical layer, as specified by the IEEE
802.3z Gigabit Ethernet standard. These functions include parallel-
to-serial and serial-to-parallel conversion, clock generation, clock
data recovery, and word synchronization. In addition, an internal
loopback function is provided for system debugging.
The PI90SD1636C is ideal for Gigabit Ethernet, serial backplane
and proprietary point-to-point applications. The device sup-
ports 1000BASE-LX and 1000BASE-SX fiber-optic media, and
1000BASE-CX copper media.
The transmitter section of the PI90SD1636C accepts 10-bit wide
parallel TTL data and converts it to a high speed serial data stream.
The parallel data is encoded in 8b/10b format. This incoming
parallel data is latched into an input register, and synchronized
on the rising edge of the 125 MHz reference clock supplied by
the user. A phase locked loop (PLL) locks to the 125 MHz clock.
The clock is then multiplied by 10 to produce a 1.25 GHz serial
clock that is used to provide the high speed serial data output. The
output is sent through a Pseudo Emitter Coupled Logic (PECL)
driver. This output connects directly to a copper cable in the case
of 1000BASE-CX medium, or to a fiber optic module in the case
of 1000BASE-LX or 1000BASE SX fiber optic medium.
The receiver section of the PI90SD1636C accepts a serial PECL-
compatible data stream at a 1.25 Gbps rate, recovers the original
10-bit wide parallel data format, and retimes the data. A PLL locks
onto the incoming serial data stream, and recovers the 1.25 GHz
high speed serial clock and data. This is accomplished by con-
tinually frequency locking onto the 125 MHz reference clock, and
by phase locking onto the incoming data stream. The serial data
is converted back to parallel data format. The ‘comma’ character
is used to establish byte alignment. Two 62.5 MHz clocks, 180
degrees out of phase, are recovered. These clocks are alternately
used to clock out the parallel data on the rising edge. This parallel
data is sent to the user in TTL-compatible form.
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
07-0253


Similar Part No. - PI90SD1636CFCE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
PI90SD1636AFC PERICOM-PI90SD1636AFC Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
PI90SD1636AFCE PERICOM-PI90SD1636AFCE Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
PI90SD1636AFD PERICOM-PI90SD1636AFD Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
PI90SD1636AFDE PERICOM-PI90SD1636AFDE Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
More results

Similar Description - PI90SD1636CFCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
2.5 Gigabit SERDES Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
Gigabit Ethernet and Fibre Channel SerDes ICs
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com