Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8485IPZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL8485IPZ
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8485IPZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL8485IPZ Datasheet HTML 1Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 2Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 3Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 4 of 15
Oct 2, 2023
Truth Tables
Pinouts
ISL8485 (PDIP, SOIC)
TOP VIEW
ISL8490 (SOIC)
TOP VIEW
ISL8491 (SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: RO is high if A > B by at least 0.2V; RO is low if A < B by 0.2V or more; RO = high if A and B are unconnected (floating).
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs Y and Z are enabled by bringing DE high. They are high impedance when DE is low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
Noninverting receiver input and noninverting driver output. Pin is an input (A) if DE = 0; pin is an output (Y) if DE = 1.
B/Z
Inverting receiver input and inverting driver output. Pin is an input (B) if DE = 0; pin is an output (Z) if DE = 1.
A
Noninverting receiver input.
B
Inverting receiver input.
Y
Noninverting driver output.
Z
Inverting driver output.
VCC
System power supply input (4.5V to 5.5V).
NC
No connection.
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ +0.2V
1
00
X
≤ -0.2V
0
0
0
X
Inputs Open
1
111
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com