Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8485IPZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8485IPZ
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8485IPZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8485IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 8 of 15
Oct 2, 2023
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES (EXCLUDING ISL8490)
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RECEIVER PROPAGATION DELAY
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RECEIVER ENABLE AND DISABLE TIMES (EXCLUDING ISL8490)
Test Circuits and Waveforms (Continued)
D
DE
DI
CL
500Ω
Z
Y
VCC
GND
SW
PARAMETER OUTPUT
RE
DI
SW
CL (pF)
tHZ
Y/Z
X
1/0
GND
15
tLZ
Y/Z
X
0/1
VCC
15
tZH
Y/Z
0
1/0
GND
100
tZL
Y/Z
0
0/1
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
SIGNAL
GENERATOR
R
RO
RE
A
B
+1.5V
15pF
RO
3V
0V
tPLH
1.5V
1.5V
VCC
0V
50%
50%
tPHL
A
1kΩ
VCC
GND
SW
PARAMETER
DE
AΩ
SW
tHZ
0
+1.5V
GND
tLZ
0-1.5V
VCC
tZH
0
+1.5V
GND
tZL
0-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com