Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8485IPZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8485IPZ
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8485IPZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8485IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 12Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 13Page - Renesas Technology Corp ISL8485IPZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 10 of 15
Oct 2, 2023
Typical Performance Curves VCC = 5V, TA = 25°C, ISL8485, ISL8490, ISL8491; unless otherwise specified
FIGURE 6. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 7. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 8. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 9. SUPPLY CURRENT vs TEMPERATURE
FIGURE 10. DRIVER PROPAGATION DELAY vs
TEMPERATURE
FIGURE 11. DRIVER SKEW vs TEMPERATURE
DIFFERENTIAL OUTPUT VOLTAGE (V)
01
23
45
0
10
20
30
40
50
60
70
80
90
-40
0
50
85
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
TEMPERATURE (°C)
-25
25
75
RDIFF = 54Ω
RDIFF = 100Ω
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
Y OR Z = LOW
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
200
300
400
500
600
150
250
350
450
550
ISL8485, DE = GND, RE = X
ISL8490/ISL8491: DE = RE = X
650
700
ISL8485: DE = VCC, RE = X
ISL8485: DE = GND, RE = X,
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
25
30
35
40
tPLHY
tPHLY
tPHLZ
tPLHZ
20
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
1
1.5
2
2.5
3
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
 and Z - CROSSING PT. OF
Y
 and Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com