Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D820LP Datasheet(PDF) 11 Page - Intel Corporation

Part # D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Datasheet(HTML) 11 Page - Intel Corporation

Back Button D820LP Datasheet HTML 7Page - Intel Corporation D820LP Datasheet HTML 8Page - Intel Corporation D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation D820LP Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
D820LP SPECIFICATION UPDATE
5
SPECIFICATION CHANGES
The Specification Changes listed in this section apply to the
D820LP Motherboard Technical Product
Specification (Order Number A15751). All Specification Changes will be incorporated into a future version of
that specification.
1.
ADDITION OF NEW FEATURE, FAST BOOTING SYSTEMS WITH
INTEL® RAPID BIOS BOOT
Section 3.8, Overview of BIOS Features will be added. All subsequent sections will be renumbered
accordingly:
3.8
Fast Booting Systems with Intel Rapid BIOS Boot
There are three factors that affect system boot speed:
• Selecting and configuring peripherals properly
• Using an optimized BIOS, such as the Intel® Rapid BIOS
• Selecting a compatible operating system
The BIOS is not configured by default to boot at the fastest possible speed. Empirical
measurements have shown that some Intel® Desktop boards, when optimized as
described above, can complete POST (Power On Self Test) in six seconds or less and
boot to an active Microsoft Windows* Millennium (Me) operating system in
21 seconds.
In addition to the appliance-like speed that benefits end users, fast booting systems can
also increase an OEM’s manufacturing line throughput.
3.8.1
Peripheral Selection and Configuration
The following techniques will help improve system boot speed:
• Choose a hard drive with parameters, such as a “power-up to data ready” of less
than eight seconds which will minimize hard drive startup delays. The Western
Digital Caviar AA or BA series are examples of drives that meet this parameter.
• Select a CD-ROM drive with a fast initialization rate; variations can influence
POST times.
• Eliminate unnecessary features such as video-company-logo displaying, screen
repaints, or mode changes. These all add time in the boot process. The Plug and
Play communication between the video BIOS and the monitor shows time
variances.
• Try different monitors. Some monitors initialize more quickly, thereby enabling
the system to boot more quickly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com