Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D820LP Datasheet(PDF) 12 Page - Intel Corporation

Part # D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Datasheet(HTML) 12 Page - Intel Corporation

Back Button D820LP Datasheet HTML 8Page - Intel Corporation D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation D820LP Datasheet HTML 15Page - Intel Corporation D820LP Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
D820LP SPECIFICATION UPDATE
6
3.8.2
Intel® Rapid BIOS Boot
There are several BIOS settings, which if adjusted, can reduce the execution time of the
POST:
• Set the hard disk drive as the first boot device. As a result, the POST will not seek
a diskette drive (saving about one second from the POST time) or a CD-ROM drive
(saving about two seconds).
• Disable Quiet Boot to eliminate the logo splash screen. This could save several
seconds of painting complex graphic images and changing video modes.
• Make sure the Intel® Rapid BIOS Boot option (in the Boot menu of the BIOS Setup
Program) is enabled (this is typically the default setting). This feature bypasses
memory count and floppy seek.
• Disable the LAN feature PXE (Preboot eXecutable Environment) if it will not be
used. Doing so can reduce up to four seconds of option ROM boot time.
 NOTE
It is possible to optimize the boot process to the point where the system boots so
quickly that the Intel® Logo Screen (or a custom logo splash screen) will not be
seen. Monitors and hard disk drives with minimum initialization times can also
contribute to a boot time that might be so fast that necessary logo screens and
POST messages cannot be seen. If this should occur, it is possible to introduce a
programmable delay ranging from 3 to 30 seconds (using the Hard Disk Pre-
Delay feature of the Advanced menu in the IDE Configuration Submenu of the
BIOS Setup Program).
For information about
Refer to
IDE Configuration Submenu in the BIOS Setup Program
Table 61, page 94
3.8.3
Operating System
3.8.3.1 Selection
The Microsoft Windows* Millennium Edition (Windows Me) operating system
has built-in capabilities for making PCs boot more quickly. For additional
information, see the following URL:
http://www.microsoft.com/hwdev/newpc/fast-boot.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com