Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D820LP Datasheet(PDF) 16 Page - Intel Corporation

Part # D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Datasheet(HTML) 16 Page - Intel Corporation

Back Button D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation D820LP Datasheet HTML 15Page - Intel Corporation D820LP Datasheet HTML 16Page - Intel Corporation D820LP Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
D820LP SPECIFICATION UPDATE
10
2.
Change to Description of Section 1.6.4, Real-Time Clock, CMOS
SRAM, and Battery
The note in section 1.6.4 will be changed in its entirety as follows:
 NOTES
If the battery and AC power fail, custom defaults if previously saved, will be
loaded into CMOS RAM at power-on.
The recommended method of accessing the date in systems with D820LP boards
is indirectly from the Real-Time Clock (RTC) via the BIOS. The BIOS on
D820LP boards contains a century checking and maintenance feature. This
feature checks the two least significant digits of the year stored in the RTC
during each BIOS request (INT 1Ah) to read the date and, if less than 80 (i.e.,
1980 is the first year supported by the PC), updates the century byte to 20. This
feature enables operating systems and applications using the BIOS date/time
services to reliably manipulate the year as a four-digit value.
3.
Change to Description of Section 1.5.2, Memory Features
Section 1.5.2, Memory Features will be changed in its entirety as follows:
1.5.2
Memory Features
The Intel® 82820 Memory Controller Hub (MCH) integrates a single Rambus* channel
as an electrically pipelined serial bus (16 data bits in width) with uniform impedance of
28 ohms and single-ended termination. This Rambus channel is capable of providing a
processor-to-memory bandwidth up to 1.6 GB/sec.
The board supports the following memory features:
• Up to two 2.5 V, 184-pin, RIMM* modules
• 512 MB maximum onboard capacity using 128 or 144 Mbit technology
• Single or double-sided RIMM modules
• Serial Presence Detect (SPD) memory only
• Non-ECC memory with 16-bit components (128 Mbit technology)
• ECC memory with 18-bit components (144 Mbit technology)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com