Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4993D
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4993D Datasheet HTML 5Page - STMicroelectronics L4993D Datasheet HTML 6Page - STMicroelectronics L4993D Datasheet HTML 7Page - STMicroelectronics L4993D Datasheet HTML 8Page - STMicroelectronics L4993D Datasheet HTML 9Page - STMicroelectronics L4993D Datasheet HTML 10Page - STMicroelectronics L4993D Datasheet HTML 11Page - STMicroelectronics L4993D Datasheet HTML 12Page - STMicroelectronics L4993D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
L4993
Electrical specifications
9/30
Table 6.
Reset
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Res
Vres_l
Reset output low voltage
Rext = 5kΩ to Vo,
Vo > 1V
0.4
V
Res
IRes_h
Reset output high leakage
current
VRes = 5V
1
µA
Res
R_p_u
Pull up internal resistance
With respect to Vo
12
25
50
k
Res
Vo_th
Vo out of regulation
threshold
Vs = 6 to 31V,
Io = 1 to 150mA
6%
8%
10%
Below
Vo_ref
Vcr
Vrlth
Reset delay circuit low
threshold
Vs = 13.5V
10%
13%
16%
Vo_ref
Vcr
Vrhth
Reset delay circuit high
threshold
Vs =13.5V
44%
47%
50%
Vo_ref
Vcr
Icr
Charge current
Vs = 13.5V
8
17.6
30
µA
Vcr
Idr
Discharge current
Vs = 13.5V
8
17.6
30
µA
Res
Trr_2
Reset reaction time(1)
1.
When Vo becomes lower than 4V, the reset reaction time decreases down to 2µs assuring a faster reset
condition in this particular case.
Vo = Vo_th -100mV 100
275
1000
µs
Res
Trd
Reset delay time
Vs = 13.5V,
Ctr = 1nF
65
150
ms
Table 7.
Watchdog
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Wi
Vih
Input high voltage
Vs = 13.5V
3.5
V
Wi
Vil
Input low voltage
Vs = 13.5V
1.5
V
Wi
Vih_hyst
Input hysteresis
Vs = 13.5V
500
mV
Wi
Ii
Pull down current
Vs = 13.5V
10
20
µA
Vcw
Vwhth
High threshold
Vs = 13.5V
44%
47%
50%
Vo_ref
Vcw
Vwlth
Low threshold
Vs = 13.5V
10%
13%
16%
Vo_ref
Vcw
Icwc
Charge current
Vs = 13.5V,
Vcw = 0.1V
4
8
14
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com