Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993D Datasheet(PDF) 26 Page - STMicroelectronics

Part # L4993D
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L4993D Datasheet HTML 22Page - STMicroelectronics L4993D Datasheet HTML 23Page - STMicroelectronics L4993D Datasheet HTML 24Page - STMicroelectronics L4993D Datasheet HTML 25Page - STMicroelectronics L4993D Datasheet HTML 26Page - STMicroelectronics L4993D Datasheet HTML 27Page - STMicroelectronics L4993D Datasheet HTML 28Page - STMicroelectronics L4993D Datasheet HTML 29Page - STMicroelectronics L4993D Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Package and packing information
L4993
26/30
5.3
SO-20 package information
Figure 37.
SO-20 package dimensions
Table 12.
SO-20 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D(1)
1.
“D” dimension does not include mold flash, protusions or gate burrs. Mold flash, protusions or gate burrs
shall not exceed 0.15mm per side.
12.60
13.00
E
7.40
7.60
e1.27
H
10.0
10.65
h
0.25
0.75
L
0.40
1.27
k0°
8°
ddd
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com