Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4993D
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4993D Datasheet HTML 10Page - STMicroelectronics L4993D Datasheet HTML 11Page - STMicroelectronics L4993D Datasheet HTML 12Page - STMicroelectronics L4993D Datasheet HTML 13Page - STMicroelectronics L4993D Datasheet HTML 14Page - STMicroelectronics L4993D Datasheet HTML 15Page - STMicroelectronics L4993D Datasheet HTML 16Page - STMicroelectronics L4993D Datasheet HTML 17Page - STMicroelectronics L4993D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Electrical specifications
L4993
14/30
2.5
Test circuit and waveforms plot
2.5.1
Load regulation
Figure 22.
Load regulation test circuit
Figure 23.
Maximum load variation response
Figure 21.
PSRR
0
10
20
30
40
50
60
70
80
0,1
1
10
100
1000
10000
FREQUENCY [KHz]
PSRR [dB]
C0 = 4.7µF
10
0,00E+00
5,00E-05
1,00E-04
1,50E-04
2,00E-04
2,50E-04
3,00E-04
3,50E-04
4,00E-04
Time [s]
V0 [1V / div]
I0 [50mA / div]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com