Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F016D Datasheet(PDF) 12 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M29F016D_05 Datasheet HTML 8Page - STMicroelectronics M29F016D_05 Datasheet HTML 9Page - STMicroelectronics M29F016D_05 Datasheet HTML 10Page - STMicroelectronics M29F016D_05 Datasheet HTML 11Page - STMicroelectronics M29F016D_05 Datasheet HTML 12Page - STMicroelectronics M29F016D_05 Datasheet HTML 13Page - STMicroelectronics M29F016D_05 Datasheet HTML 14Page - STMicroelectronics M29F016D_05 Datasheet HTML 15Page - STMicroelectronics M29F016D_05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
M29F016D
12/37
During Erase Suspend it is possible to Read and
Program cells in blocks that are not being erased;
both Read and Program operations behave as
normal on these blocks. If any attempt is made to
program in a protected block or in the suspended
block then the Program command is ignored and
the data remains unchanged. The Status Register
is not read and no error condition is given. Read-
ing from blocks that are being erased will output
the Status Register.
It is also possible to issue the Auto Select, Read
CFI Query and Unlock Bypass commands during
an Erase Suspend. The Read/Reset command
must be issued to return the device to Read Array
mode before the Resume command will be ac-
cepted.
Erase Resume Command. The Erase Resume
command must be used to restart the Program/
Erase Controller after an Erase Suspend. The de-
vice must be in Read Array mode before the Re-
sume command will be accepted. An erase can be
suspended and resumed more than once.
Read CFI Query Command. The
Read
CFI
Query Command is used to read data from the
Common Flash Interface (CFI) Memory Area. This
command is valid when the device is in the Read
Array mode, or when the device is in Autoselected
mode.
One Bus Write cycle is required to issue the Read
CFI Query Command. Once the command is is-
sued subsequent Bus Read operations read from
the Common Flash Interface Memory Area.
The Read/Reset command must be issued to re-
turn the device to the previous mode (the Read Ar-
ray mode or Autoselected mode). A second Read/
Reset command would be needed if the device is
to be put in the Read Array mode from Autoselect-
ed mode.
See Appendix B, Tables 18, 19, 20, 21, 22 and 23
for details on the information contained in the
Common Flash Interface (CFI) memory area.
Block Protect and Chip Unprotect Com-
mands. Groups of blocks can be protected
against accidental Program or Erase. The Protec-
tion Groups are shown in Appendix A, Table 17.
The whole chip can be unprotected to allow the
data inside the blocks to be changed.
Block Protect and Chip Unprotect operations are
described in Appendix C.
Table 3. Commands
Note: X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in hexadecimal.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1X
F0
3555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30
Read CFI Query
1
55
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com