Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F016D Datasheet(PDF) 29 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M29F016D_05 Datasheet HTML 25Page - STMicroelectronics M29F016D_05 Datasheet HTML 26Page - STMicroelectronics M29F016D_05 Datasheet HTML 27Page - STMicroelectronics M29F016D_05 Datasheet HTML 28Page - STMicroelectronics M29F016D_05 Datasheet HTML 29Page - STMicroelectronics M29F016D_05 Datasheet HTML 30Page - STMicroelectronics M29F016D_05 Datasheet HTML 31Page - STMicroelectronics M29F016D_05 Datasheet HTML 32Page - STMicroelectronics M29F016D_05 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
29/37
M29F016D
Table 21. Device Geometry Definition
Address
Data
Description
Value
27h
15h
Device Size = 2n in number of bytes
2 MByte
28h
29h
00h
00h
Flash Device Interface Code description
x8 only
Async.
2Ah
2Bh
00h
00h
Maximum number of bytes in multi-byte program or page = 2n
NA
2Ch
01h
Number of Erase Block Regions within the device.
It specifies the number of regions within the device containing contiguous
Erase Blocks of the same size.
1
2Dh
2Eh
1Fh
00h
Region 1 Information
Number of identical size erase block = 001Fh+1
32
2Fh
30h
00h
01h
Region 1 Information
Block size in Region 1 = 0100h * 256 byte
64 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com