Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F016D Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29F016D_05 Datasheet HTML 27Page - STMicroelectronics M29F016D_05 Datasheet HTML 28Page - STMicroelectronics M29F016D_05 Datasheet HTML 29Page - STMicroelectronics M29F016D_05 Datasheet HTML 30Page - STMicroelectronics M29F016D_05 Datasheet HTML 31Page - STMicroelectronics M29F016D_05 Datasheet HTML 32Page - STMicroelectronics M29F016D_05 Datasheet HTML 33Page - STMicroelectronics M29F016D_05 Datasheet HTML 34Page - STMicroelectronics M29F016D_05 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
31/37
M29F016D
APPENDIX C. BLOCK PROTECTION
Block protection can be used to prevent any oper-
ation from modifying the data stored in the memo-
ry. The blocks are protected in groups, refer to
Appendix A, Table 17 for details of the Protection
Groups. Once protected, Program and Erase op-
erations within the protected group fail to change
the data.
There are three techniques that can be used to
control Block Protection, these are the Program-
mer technique, the In-System technique and Tem-
porary Unprotection. Temporary Unprotection is
controlled by the Reset/Block Temporary Unpro-
tection pin, RP; this is described in the Signal De-
scriptions section.
To protect the Extended Block issue the Enter Ex-
tended Block command and then use either the
Programmer or In-System technique. Once pro-
tected issue the Exit Extended Block command to
return to read mode. The Extended Block protec-
tion is irreversible, once protected the protection
cannot be undone.
Programmer Technique
The Programmer technique uses high (VID) volt-
age levels on some of the bus pins. These cannot
be achieved using a standard microprocessor bus,
therefore the technique is recommended only for
use in Programming Equipment.
To protect a group of blocks follow the flowchart in
Figure 16, Programmer Equipment Block Protect
Flowchart. To unprotect the whole chip it is neces-
sary to protect all of the groups first, then all
groups can be unprotected at the same time. To
unprotect the chip follow Figure 17, Programmer
Equipment Chip Unprotect Flowchart. Table 24,
Programmer Technique Bus Operations, gives a
summary of each operation.
The timing on these flowcharts is critical. Care
should be taken to ensure that, where a pause is
specified, it is followed as closely as possible. Do
not abort the procedure before reaching the end.
Chip Unprotect can take several seconds and a
user message should be provided to show that the
operation is progressing.
In-System Technique
The In-System technique requires a high voltage
level on the Reset/Blocks Temporary Unprotect
pin, RP. This can be achieved without violating the
maximum ratings of the components on the micro-
processor bus, therefore this technique is suitable
for use after the memory has been fitted to the sys-
tem.
To protect a group of blocks follow the flowchart in
Figure 18, In-System Block Protect Flowchart. To
unprotect the whole chip it is necessary to protect
all of the groups first, then all the groups can be
unprotected at the same time. To unprotect the
chip follow Figure 19, In-System Chip Unprotect
Flowchart.
The timing on these flowcharts is critical. Care
should be taken to ensure that, where a pause is
specified, it is followed as closely as possible. Do
not allow the microprocessor to service interrupts
that will upset the timing and do not abort the pro-
cedure before reaching the end. Chip Unprotect
can take several seconds and a user message
should be provided to show that the operation is
progressing.
Table 24. Programmer Technique Bus Operations, BYTE = VIH or VIL
Note: 1. Block Protection Groups are shown in Appendix A, Table 17.
Operation
E
G
W
Address Inputs
A0-A20
Data Inputs/Outputs
DQ15A–1, DQ14-DQ0
Block (Group)
Protect(1)
VIL
VID
VIL Pulse
A9 = VID, A12-A20 Block Address
Others = X
X
Chip Unprotect
VID
VID
VIL Pulse
A9 = VID, A12 = VIH, A15 = VIH
Others = X
X
Block (Group)
Protection Verify
VIL
VIL
VIH
A0 = VIL, A1 = VIH, A6 = VIL, A9 = VID,
A12-A20 Block Address
Others = X
Pass = XX01h
Retry = XX00h
Block (Group)
Unprotection Verify
VIL
VIL
VIH
A0 = VIL, A1 = VIH, A6 = VIH, A9 = VID,
A12-A20 Block Address
Others = X
Retry = XX01h
Pass = XX00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com