| Electronic Components Datasheet Search |
|
XISO6440DFPR Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6440DFPR Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 56 page ![]() Data Rate (Mbps) 0 20 40 60 80 100 120 140 2 4 6 8 10 12 14 16 18 20 ICC1 at 2.5V ICC1 at 3.3V ICC1 at 5V ICC2 at 2.5V ICC2 at 3.3V ICC2 at 5V TA = 25°C CL = 15pF Figure 6-11. ISO6442 or ISO6442F Supply Current vs Data Rate (With 15pF Load) Data Rate (Mbps) 0 20 40 60 80 100 120 140 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 ICC1 at 2.5V ICC1 at 3.3V ICC1 at 5V ICC2 at 2.5V ICC2 at 3.3V ICC2 at 5V TA = 25°C CL = No Load Figure 6-12. ISO6442 or ISO6442F Supply Current vs Data Rate (With No Load) High-Level Output Current (mA) -15 -10 -5 0 0 1 2 3 4 5 6 7 VCC at 5V VCC at 3.3V VCC at 2.5V TA = 25°C Figure 6-13. High-Level Output Voltage vs High- level Output Current Low-Level Output Current (mA) 0 5 10 15 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 VCC at 5V VCC at 3.3V VCC at 2.5V TA = 25°C Figure 6-14. Low-Level Output Voltage vs Low- Level Output Current Free-Air Temperature (°C) -40 -15 10 35 60 85 110 125 1.6 1.65 1.7 1.75 1.8 1.85 1.9 1.95 2 2.05 VCC1+ VCC1- VCC2+ VCC2- Figure 6-15. Power Supply Undervoltage Threshold vs Free-Air Temperature Free-Air Temperature (°C) -40 -15 10 35 60 85 110 125 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 tPHL at 2.5V tPHL at 3.3V tPHL at 5V tPLH at 2.5V tPLH at 3.3V tPLH at 5V Figure 6-16. Propagation Delay Time vs Free-Air Temperature www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |