| Electronic Components Datasheet Search |
|
XISO6440DFPR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6440DFPR Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 56 page ![]() 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VCC_RO (1) Supply Voltage Side 1 (Recommended Operating Range) VCC1 = 2.5V to 5V (3) 2.25 5.5 V Supply Voltage Side 2 (Recommended Operating Range) VCC2 = 2.5V to 5V (3) 2.25 5.5 V VCC_UVLO+ VCC UVLO threshold when supply voltage is rising 2.24 V VCC_UVLO– VCC UVLO threshold when supply voltage is falling 1.6 V VCC_UVLO_HYS VCC Supply voltage UVLO hysteresis 0.1 V VIH(ENx) Enable: High level Input voltage Enable: High level Input voltage 0.7 × VCCI (2) VCCI V VIL(ENx) Enable: Low level Input voltage Enable: Low level Input voltage 0 0.3 × VCCI V VIH(INx) Input: High level Input voltage 0.7 × VCCI (2) VCCI V VIL(INx) Input: Low level Input voltage 0 0.3 × VCCI V IOH Output: High level output current VCCO = 5V (2) -4 mA VCCO = 3.3V (2) -2 mA VCCO = 2.5V (2) -1 mA IOL Output: Low level output current VCCO = 5V (2) 4 mA VCCO = 3.3V (2) 2 mA VCCO = 2.5V (2) 1 mA DR Data Rate 3.0V ≤ VCCx ≤ 5.5V and CL≤ 15pF(4) 0 150 Mbps 2.25V ≤ VCCx < 3V and CL≤ 10pF(4) 0 150 Mbps 2.25V ≤ VCCx < 3V and 10pF < CL≤ 15pF(4) 0 100 Mbps TA Ambient temperature -40 25 125 °C (1) VCC1 and VCC2 can be set independent of one another (2) VCCI = Input-side VCC; VCCO = Output-side VCC (3) The channel outputs are in undetermined state when VCC_UVLO– ≤ VCC1, VCC2 < VCC_RO(MIN). (4) See Section 7 . 6.4 Thermal Information THERMAL METRIC(1) UNIT PACKAGE PINS RθJA RθJC(top) RθJB ψJT ψJB RθJC(bot) DW (Wide-SOIC) 16 83 48.5 49 28 48.4 NA °C/W DFP (Wide-SSOP) 16 113.3 63.6 75.6 32.5 74.4 NA °C/W DBQ (SSOP) 16 117.8 60 69.8 29.9 69 NA °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application note. www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |