| Electronic Components Datasheet Search |
|
XISO6440DFPR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6440DFPR Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 56 page ![]() 6.5 Power Ratings PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ISO6440 (default high) and ISO6440F (default low, with F suffix) PD Maximum power dissipation (both sides) VCC1 = VCC2 = 5.5V, TJ = 150°C, CL = 15pF, Input a 75MHz 50% duty cycle square wave 268.2 mW PD1 Maximum power dissipation (side-1) 58.1 mW PD2 Maximum power dissipation (side-2) 210.1 mW ISO6441 (default high) and ISO6441F (default low, with F suffix) PD Maximum power dissipation (both sides) VCC1 = VCC2 = 5.5V, TJ = 150°C, CL =15pF, Input a 75MHz 50% duty cycle square wave 262.2 mW PD1 Maximum power dissipation (side-1) 94.1 mW PD2 Maximum power dissipation (side-2) 168.1 mW ISO6442 (default high) and ISO6442F (default low, with F suffix) PD Maximum power dissipation (both sides) VCC1 = VCC2 = 5.5V, TJ = 150°C, CL = 15pF, Input a 75MHz 50% duty cycle square wave 268 mW PD1 Maximum power dissipation (side-1) 134 mW PD2 Maximum power dissipation (side-2) 134 mW 6.6 Insulation Specifications PARAMETER TEST CONDITIONS PACKAGE UNIT 16-DW IEC 60664-1 CLR External clearance(1) Side 1 to side 2 distance through air >8.15 mm CPG External creepage(1) Side 1 to side 2 distance across package surface >8.15 mm DTI Distance through the insulation Minimum internal gap (internal clearance) >17 µm CTI Comparative tracking index IEC 60112 >600 V Material Group According to IEC 60664-1 I Overvoltage category Rated mains voltage ≤ 150VRMS I-IV Rated mains voltage ≤ 300VRMS I-IV Rated mains voltage ≤ 600VRMS I-IV Rated mains voltage ≤ 1000VRMS I-III DIN EN IEC 60747-17 (VDE 0884-17)(2) VIORM Maximum repetitive peak isolation voltage AC voltage (bipolar) 1500 VPK VIOWM Maximum isolation working voltage AC voltage (sine wave); time-dependent dielectric breakdown (TDDB) test. 1061 VRMS DC voltage 1500 VDC VIOTM Maximum transient isolation voltage VTEST = VIOTM, t = 60s (qualification); VTEST = 1.2 ≤ VIOTM, t= 1s (100% production) 7071 VPK VIMP Maximum impulse voltage(3) Tested in air, 1.2/50µs waveform per IEC 62368-1 8000 VPK VIOSM Maximum surge isolation voltage(4) VIOSM ≤ 1.3 ≤ VIMP; Tested in oil (qualification test), 1.2/50µs waveform per IEC 62368-1 10400 VPK qpd Apparent charge(5) Method a, After Input-output safety test subgroup 2/3, Vini = VIOTM, tini = 60s; Vpd(m) = 1.2 ≤ VIORM, tm = 10s ≤5 pC Method a, After environmental tests subgroup 1, Vini = VIOTM, tini = 60s; Vpd(m) = 1.6 ≤ VIORM, tm = 10s ≤5 Method b: At routine test (100% production); Vini = 1.2 ≤ VIOTM, tini = 1s; Vpd(m) = 1.875 ≤ VIORM, tm = 1s (method b1) or Vpd(m) = Vini, tm = tini (method b2) ≤5 CIO Barrier capacitance, input to output(6) VIO = 0.4 ≤ sin (2 πft), f = 1MHz ≅1.6 pF ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 8 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |