Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150CLZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  150CLZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2002 Feb 27
4
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
MECHANICAL DATA
Table 1
Physical dimensions, mass and packaging quantities; see Fig.2
PACKAGING
Supplied in blister tape on reel. For general packaging information refer to data handbook BC01, section “Packaging”.
Table 2
Tape and reel dimensions
NOMINAL
CASE SIZE
L
× W × H
(mm)
CASE
CODE
Lmax
(mm)
Wmax
(mm)
Hmax
(mm)
∅D
(mm)
Bmax
(mm)
S
(mm)
L1 max
(mm)
MASS
(g)
8
× 8 × 10
0810
8.5
8.5
10.5
8.0
1.0
3.1
9.9
≈1.0
10
×10 × 10
1010
10.5
10.5
10.5
10.0
1.0
4.5
11.8
≈1.3
10
× 10 × 14
1014
10.5
10.5
14.3
10.0
1.0
4.5
11.8
≈1.5
NOMINAL
CASE SIZE
L
× W × H
(mm)
CASE
CODE
PITCH
P1
(mm)
TAPE WIDTH
W
(mm)
TAPE THICKNESS
T2
(mm)
REEL DIA.
(mm)
PACKAGING
QUANTITY
PER REEL
8
× 8 × 10
0810
16
24
11.8
380
500
10
×10 × 10
1010
16
24
11.8
380
500
10
× 10 × 14
1014
16
24
15.0
330
250
JW07
H
W B
0.3
max.
0.4
±0.2
D
L1
S
L
Fig.2 Dimensional outline.
Dimensions in mm.
For dimensions see Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com