Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150CLZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 150CLZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2002 Feb 27
6
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
ELECTRICAL DATA AND ORDERING INFORMATION
Unless otherwise specified, all electrical values in Table 4 apply at Tamb =20 °C,
P = 86 to 106 kPa, RH = 45 to 75%.
Ordering example
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance
±20%
IR
rated RMS ripple current at 100 kHz, 105
°C
IL2
max. leakage current after 2 minutes at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
Electrolytic capacitor 150 CLZ series
220
µF/50 V; ±20%
Nominal case size:
10
× 10 × 14 mm; taped on reel
Catalogue number: 2222 150 95102.
Table 4
Electrical data and ordering information; preferred types in bold
UR
(V)
CR
(
µF)
NOMINAL
CASE SIZE
L
× W × H
(mm)
IR
105
°C
(mA)
100 kHz
IL2
2min
(
µA)
Tan
δ
100 Hz
Z
100 kHz
+20
°C
(
Ω)
CATALOGUE
NUMBER
2222 150 .....
6.3
470
8
× 8 × 10
435
30
0.24
0.25
95311
1000
10
× 10 × 10
670
63
0.24
0.13
95301
10
330
8
× 8 × 10
435
33
0.20
0.25
95411
470
8
× 8 × 10
435
47
0.20
0.25
95412
680
10
× 10 × 10
670
68
0.20
0.13
95401
1000
10
× 10 × 14
850
100
0.20
0.10
95402
16
220
8
× 8 × 10
435
35
0.16
0.25
95511
330
8
× 8 × 10
435
53
0.16
0.25
95512
470
10
× 10 × 10
670
75
0.16
0.13
95501
680
10
× 10 × 14
850
109
0.16
0.10
95502
25
150
8
× 8 × 10
420
38
0.14
0.28
95611
220
8
× 8 × 10
420
55
0.14
0.28
95612
330
10
× 10 × 10
640
83
0.14
0.14
95601
470
10
× 10 × 14
820
118
0.14
0.11
95602
35
100
8
× 8 × 10
405
35
0.12
0.30
95011
220
10
× 10 × 10
630
77
0.12
0.15
95001
330
10
× 10 × 14
790
116
0.12
0.12
95002
50
68
8
× 8 × 10
333
34
0.12
0.48
95111
100
10
× 10 × 10
490
50
0.12
0.24
95101
220
10
× 10 × 14
620
110
0.12
0.19
95102
63
33
8
× 8 × 10
270
21
0.10
0.65
95812
47
8
× 8 × 10
270
30
0.10
0.65
95811
47
10
× 10 × 10
390
30
0.10
0.38
95801
68
10
× 10 × 10
390
43
0.10
0.38
95802
100
10
× 10 × 14
507
63
0.10
0.29
95803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com