Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150CLZ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 10Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 11Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2002 Feb 27
8
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
Dissipation factor (tan
δ)
Fig.6 Multiplier of dissipation factor (tan
δ) as a function of ambient temperature.
Curve 1: 10 V.
Curve 2: 63 V.
Tan
δ0 = typical tan δ at 20 °C, 100 Hz.
JW16
020
−40
−20
40
60
80
100
Tamb (°C)
−60
102
10
120
1
10−1
2
2
1
1
tan δ
tan δ0
Equivalent series resistance (ESR)
Fig.7 Typical multiplier of ESR as a function of frequency.
Curve 1: 10 V.
Curve 2: 35 V.
Curve 3: 63 V.
ESR0 = typical ESR at 20 °C, 100 Hz.
JW17
0.1
101
102
103
104
105
1
f (Hz)
10
2
2
3
3
1
1
ESR 0
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com