Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34S32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 1 Page - STMicroelectronics

  M34S32 Datasheet HTML 1Page - STMicroelectronics M34S32 Datasheet HTML 2Page - STMicroelectronics M34S32 Datasheet HTML 3Page - STMicroelectronics M34S32 Datasheet HTML 4Page - STMicroelectronics M34S32 Datasheet HTML 5Page - STMicroelectronics M34S32 Datasheet HTML 6Page - STMicroelectronics M34S32 Datasheet HTML 7Page - STMicroelectronics M34S32 Datasheet HTML 8Page - STMicroelectronics M34S32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
1/18
June 1998
This is a Preliminary Data. Details are subject to change without notice.
M34S32
32K Serial I2C Bus EEPROM
With User-Defined Read-Only Block and 32-Byte OTP Page
PRELIMINARY DATA
s
TWO WIRE I2C SERIAL INTERFACE,
SUPPORTS 400kHz PROTOCOL
s
COMPATIBLE WITH I2C EXTENDED
ADDRESSING
s
1 MILLION ERASE/WRITE CYCLES
s
40 YEARS DATA RETENTION
s
SINGLE SUPPLY VOLTAGE
s
HARDWARE WRITE CONTROL
s
USER-DEFINED READ-ONLY BLOCK
s
32 BYTES OTP PAGE
s
BYTE and PAGE WRITE (up to 32 BYTES)
s
BYTE, RANDOM and SEQUENTIAL READ
MODES
s
SELF TIMED PROGRAMING CYCLE
s
AUTOMATIC ADDRESS INCREMENTING
s
ENHANCED ESD and LATCH-UP
PERFORMANCES
DESCRIPTION
The M34S32 is a 32K bit electrically erasable pro-
grammable memory (EEPROM), organized as
4096 x 8 bits.
Table 1. Signal Names
SDA
Serial Data Address Input/Output
SCL
Serial Clock
WC
Write Control
WCR
Write Control of Control Register
VCC
Supply Voltage
VSS
Ground
Figure 1. Delivery Forms
Figure 2. Logic Diagram
8
1
8
1
S08 (MN)
150 mil Width
PSDIP8 (BN)
0.25 mm Frame
AI02468
SDA
VCC
M34S32
WCR
SCL
VSS
WC


Similar Part No. - M34S32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
M34S75C4F1 JAE-M34S75C4F1 Datasheet
127Kb / 1P
025 FEMALE TERMINAL MSP1R
M34S75C4F1 JAE-M34S75C4F1 Datasheet
147Kb / 2P
Transportation
logo
List of Unclassifed Man...
M34S75C4F2 ETC2-M34S75C4F2 Datasheet
194Kb / 7P
Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
M34S75C4F2 JAE-M34S75C4F2 Datasheet
126Kb / 1P
025 FEMALE TERMINAL MSP1R
More results

Similar Description - M34S32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24LC174 MICROCHIP-24LC174 Datasheet
169Kb / 14P
16K 2.5V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24AA174 MICROCHIP-24AA174 Datasheet
168Kb / 12P
16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
32K I2C??Serial EEPROM
2009
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com