Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34S32 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 5 Page - STMicroelectronics

  M34S32 Datasheet HTML 1Page - STMicroelectronics M34S32 Datasheet HTML 2Page - STMicroelectronics M34S32 Datasheet HTML 3Page - STMicroelectronics M34S32 Datasheet HTML 4Page - STMicroelectronics M34S32 Datasheet HTML 5Page - STMicroelectronics M34S32 Datasheet HTML 6Page - STMicroelectronics M34S32 Datasheet HTML 7Page - STMicroelectronics M34S32 Datasheet HTML 8Page - STMicroelectronics M34S32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
M34S32 -
Figure 5. Maximum RL Value versus Bus Capacitance (CBUS) for an I2C Bus
Table 6. DC Characteristics (TA = 0 to 70°C, –40 to 85°C; VCC = 4.5V to 5.5V, 2.5V to 5.5V)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current (SCL,
SDA)
0
≤ V
IN ≤ VCC
±2
µA
ILO
Output Leakage Current
0
≤ V
OUT ≤ VCC; SDA in Hi-Z
±2
µA
ICC
Supply Current
VCC = 5 V; fC = 400 kHz
(rise/fall time < 30 ns)
2
mA
Supply Current (W series)
VCC = 2.5 V; fC = 400 kHz
(rise/fall time < 30 ns)
1
mA
ICC1
Stand-by Current
VIN = VSS or VCC ; VCC = 5 V
10
µA
ICC2
Stand-by Current (W series)
VIN = VSS or VCC ; VCC = 2.5 V
2
µA
VIL
Input Low Voltage (WC, WCR)
– 0.3
0.5
V
VIH
Input High Voltage (WC, WCR)
VCC - 0.5
VCC + 1
V
VIL
Input Low Voltage (other pins)
– 0.3
0.3 VCC
V
VIH
Input High Voltage (other pins)
0.7 VCC
VCC + 1
V
VOL
Output Low Voltage
IOL = 3 mA, VCC = 5 V
0.4
V
Output Low Voltage (W series)
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
AI01665
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
0
4
8
12
16
20
CBUS (pF)
10
1000
fc = 400kHz
fc = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com