Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAFSLS0100CAAX3 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HAFSLS0100CAAX3
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0100CAAX3 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HAFSLS0100CAAX3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
sensing.honeywell.com
±50 SCCM to ±750 SCCM
CAUTION
IMPROPER USE
Do not use these products to sense liquid flow
Failure to comply with these instructions may result in
product damage.
Table 1. Absolute Maximum Ratings1
Characteristic
Parameter
Supply voltage
-0.3 Vdc to 6.0 Vdc
Voltage on I/O output pin
-0.3 Vdc to Vsupply
Storage temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Maximum flow change
5.0 SLPM/s
Maximum common mode pressure
25 psi at 25 °C [77 °F]
Maximum flow
10 SLPM
1
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the electrical and mechanical
characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are approached, nor will the device necessarily operate at
absolute maximum ratings.
CAUTION
PRODUCT DAMAGE
Do not disassemble these products.
Failure to comply with these instructions may result in
product damage.
Table 2. Operating Specifications
Characteristic
Parameter
Note
Supply voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc ±10%
5.0 Vdc ±10%
–
Power:
3.3 Vdc
5.0 Vdc
40 mW max.
65 mW max.
1
Compensated temperature range
0 °C to 50 °C [32 °F to 122 °F]
2
Operating temperature range
-20 °C to 70 °C [-4 °F to 158 °F]
Accuracy
See Table 3.
3, 4
Total Error Band (TEB)
See Table 3.
4, 5
Null accuracy
±0.1 %FSS
4, 6
Response time
1 ms typ.
7
Resolution
12 bit
–
Warm-up time
15 ms
8
Calibration media
gaseous nitrogen
9
Null stability
±0.06 %FSS max. deviation from null output after 1000 hrs at 25 °C
–
Reverse polarity protection
no
–
1
Maximum power: Is measured under the conditions of the highest supply voltage, Vsupply + 10%, 70 °C, full scale flow and with the minimum load specified for
that supply voltage.
2
Custom and extended compensated temperature ranges are possible. Contact Honeywell for details.
3
Accuracy: The maximum deviation from the nominal output over the compensated flow range at a reference temperature of 25
°C. Errors include offset, span,
non-linearity, hysteresis and non-repeatability.
4
Full Scale Span (FSS): The algebraic difference between the output at the forward Full Scale (FS) flow and the output at the reverse FS flow. Forward flow is
defined as flow from P1 to P2 as shown in Figure 9. The references to mass flow (SCCM) refer to gas flows at the standard conditions of 0 °C and atmospheric
pressure 760 (101.3 kPa).
5
Total Error Band: The maximum deviation in output from the ideal transfer function over the entire compensated temperature and flow range. Includes all errors
due to offset, full scale span, flow hysteresis, flow repeatability, thermal effect on offset, thermal effect on span and thermal hysteresis.
6
Null accuracy: The maximum deviation in output at 0 SCCM from the ideal transfer function over the compensated temperature range. This includes offset
errors, thermal airflow hysteresis and repeatability errors.
7
Response time: The time to electrically respond to any mass flow change at the microbridge airflow transducer (response time of the transducer may be affected
by the pneumatic interface).
8
Warm-up time: The time to the first valid flow measurement after power is applied.
9
Default calibration media is dry nitrogen gas. Please contact Honeywell for other calibration options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com