Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAFSLS0100CAAX3 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HAFSLS0100CAAX3
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0100CAAX3 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HAFSLS0100CAAX3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
sensing.honeywell.com
±50 SCCM to ±750 SCCM
Table 4. Suggested Load
Characteristic
Parameter
Minimum suggested resistance:
3.3 Vdc
5.0 Vdc
3.3 kOhm
5 kOhm
Maximum suggested capacitance:
3.3 Vdc
5.0 Vdc
10 nF
10 nF
Table 5. Environmental Characteristics
Characteristic
Parameter
Humidity
0% to 95% RH, non-condensing
Shock
100 g, 11 ms
Vibration
15 g at 20 Hz to 2000 Hz
ESD
Class 3B per MIL-STD 883G
Table 6. Wetted Materials
Characteristic
Parameter
Covers
high temperature polymer
Substrate
PCB
Adhesives
epoxy
Electronic
components
silicon, gold
Compliance
RoHS, WEEE
Table 7. Recommended Mounting and Implementation
Characteristic
Parameter
Mounting screw:
size
torque
5-40
0,68 N m [6 in-lb]
Silicon tubing for long port style
70 durometer; size 0.125 in inside diameter, 0.250 in outside diameter silicone tubing
O-ring:
for short port style
for long port style
AS568A, Size 7, Silicone, Shore A 70
AS568A, Size 10, Silicone, Shore A 70
Filter
5-micron filter upstream of the sensor
Figure 2. Nominal Analog Output
-150.00%
Flow (%FS)
-100.00%
-50.00%0.00%
50.00%100.00%
150.00%
0.00%
20.00%
40.00%
60.00%
100.00%
80.00%
120.00%
CAUTION
LARGE PARTICULATE DAMAGE
Use a 5-micron filter upstream of the sensor to keep media
flow through the sensor free of condensing moisture and
particulates. Large, high-velocity particles or conductive
particles may damage the sensing element.
Failure to comply with these insturctions may result in
product damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com