Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAFSLS0100CAAX3 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # HAFSLS0100CAAX3
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0100CAAX3 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button HAFSLS0100CAAX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
sensing.honeywell.com
±50 SCCM to ±750 SCCM
Figure 7. Long Port Style Flow vs Pressure
N
Flow
(SCCM)
Typical Pressure drop
mbar
inH
2O
Pa
-750
-0.2517
-0.1011
-25.17
-550
-0.1499
-0.0602
-14.99
-400
-0.0891
-0.0358
-8.91
-300
-0.0578
-0.0232
-5.78
-200
-0.0321
-0.0129
-3.21
-100
-0.0114
-0.0046
-1.14
-50
-0.0035
-0.0014
-0.35
-20
-0.0007
-0.0003
-0.07
0
0.0000
0.0000
0.0000
20
0.0007
0.0003
0.07
50
0.0035
0.0014
0.35
100
0.0014
0.0046
0.14
200
0.0321
0.0129
3.21
300
0.0578
0.0232
5.78
400
0.0891
0.0358
8.91
550
0.1499
0.0602
14.99
750
0.2517
0.1011
25.17
Figure 8. Short Port Style Flow vs Pressure
N
Flow
(SCCM)
Typical Pressure drop
mbar
inH
2O
Pa
-200
-1.1707
-0.470
-117.07
-150
-0.7074
-0.284
-70.74
-100
-0.3562
-0.143
-35.62
-50
-0.1120
-0.045
-11.20
0
0.0000
0.000
0.0000
50
0.1196
0.048
11.96
100
0.3462
0.139
34.62
150
0.7149
0.287
71.49
200
1.2589
0.452
125.89
-750
-600
-150
-450
-300
750
600
150
450
300
0
-0.12
-0.06
0
0.06
0.12
Flow (SCCM)
Flow (SCCM)
200
-200
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
-5050150
-150
100
-100
Figure 6. Wave Solder Profile
020406080100
0
50
100
150
200
250
300
Time (s)
Max. temp. = 243 °C
Max. temp. = 205 °C
Housing temp. (top of device)
Pin temp. (bottom of device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com