Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP6018LPSQ Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMP6018LPSQ
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6018LPSQ Datasheet(HTML) 7 Page - Diodes Incorporated

  DMP6018LPSQ Datasheet HTML 1Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 2Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 3Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 4Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 5Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 6Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 7Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 8Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMP6018LPSQ
Document number: DS42662 Rev. 3 - 2
7 of 9
www.diodes.com
October 2020
© Diodes Incorporated
DMP6018LPSQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Site 1:
PowerDI5060-8
Site 2:
PowerDI5060-8 (SWP) (Type UX)
PowerDI5060-8 (SWP)
(Type UX)
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0
0.05
--
b
0.30
0.50
0.41
b2
0.20
0.35
0.25
b4
0.25REF
c
0.230
0.330
0.277
D
5.15 BSC
D1
4.70
5.10
4.90
D2
3.56
3.96
3.76
D2a
3.78
4.18
3.98
E
6.40 BSC
E1
5.60
6.00
5.80
E2
3.46
3.86
3.66
E2a
4.195
4.595
4.395
e
1.27BSC
k
1.05
--
--
L
0.635
0.835
0.735
La
0.635
0.835
0.735
L1
0.200
0.400
0.300
L1a
0.050REF
L4
0.025
0.225
0.125
M
3.205
4.005
3.605
θ
10°
12°
11°
θ1
6°
8°
7°
All Dimensions in mm
D1
E1
A
L
K
M
L1
D2
G
E2
Detail A
0(4X)
A1
c
e
D
E
1
Detail A
b (8X)
e/2
1
01 (4X)
M1
b2 (4X)
b3 (4X)
E3
D3
La
1.900
1.400
D1
E1
A
L
k
L1
D2
E2
DETAIL A
0(4x)
Seating Plane
A1
c
e
D
E
1
DETAIL A
b(8x)
e/2
1
01(4x
)
Ø 1.000 Depth 0.07± 0.030
D2a
b4(8x)
M
L4
PowerDI5060-8
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0.00
0.05
b
0.33
0.51
0.41
b2
0.200
0.350
0.273
b3
0.40
0.80
0.60
c
0.230
0.330
0.277
D
5.15 BSC
D1
4.70
5.10
4.90
D2
3.70
4.10
3.90
D3
3.90
4.30
4.10
E
6.15 BSC
E1
5.60
6.00
5.80
E2
3.28
3.68
3.48
E3
3.99
4.39
4.19
e
1.27 BSC
G
0.51
0.71
0.61
K
0.51

L
0.51
0.71
0.61
L1
0.100
0.200
0.175
M
3.235
4.035
3.635
M1
1.00
1.40
1.21
Θ
10°
12°
11°
Θ1
6°
8°
7°
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com