Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP6018LPSQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP6018LPSQ
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6018LPSQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP6018LPSQ Datasheet HTML 1Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 2Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 3Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 4Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 5Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 6Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 7Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 8Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMP6018LPSQ
Document number: DS42662 Rev. 3 - 2
1 of 9
www.diodes.com
October 2020
© Diodes Incorporated
DMP6018LPSQ
60V P-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI5060-8
Product Summary
BVDSS
RDS(ON)
ID
TC = +25°C
-60V
18
mΩ @ VGS = -10V
-60A
26
mΩ @ VGS = -4.5V
-50A
Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
DC-DC Converters
Load Switch
Features and Benefits
100% Unclamped Inductive Switch (UIS) Test in Production
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The DMP6018LPSQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: PowerDI®5060-8
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Site 1:
Site 2:
Top View
Pin Configuration
Internal Schematic
D
S
G
Green
S
D
D
G
D
D
S
S
Bottom View
Top View
PowerDI5060-8
Pin1
PowerDI is a registered trademark of Diodes Incorporated.
D
S
G
Bottom View
Top View
Pin Configuration
Top View
PowerDI5060-8 (SWP) (Type UX)
Pin1
S
D
D
G
D
D
S
S
Internal Schematic


Similar Part No. - DMP6018LPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6023LE-13 DIODES-DMP6023LE-13 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6023LFG DIODES-DMP6023LFG Datasheet
502Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP6023LFG-13 DIODES-DMP6023LFG-13 Datasheet
502Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 2
More results

Similar Description - DMP6018LPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com