Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T559Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T559Y
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T559Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T559Y Datasheet HTML 4Page - STMicroelectronics M48T559Y Datasheet HTML 5Page - STMicroelectronics M48T559Y Datasheet HTML 6Page - STMicroelectronics M48T559Y Datasheet HTML 7Page - STMicroelectronics M48T559Y Datasheet HTML 8Page - STMicroelectronics M48T559Y Datasheet HTML 9Page - STMicroelectronics M48T559Y Datasheet HTML 10Page - STMicroelectronics M48T559Y Datasheet HTML 11Page - STMicroelectronics M48T559Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M48T559Y
8/18
Table 10. Register Map
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
1FFFh
10 Years
Year
Year
00-99
1FFEh
0
0
0
10 M
Month
Month
01-12
1FFDh
0
0
10 Date
Date
Date
01-31
1FFCh
0
FT
0
0
0
Day
Day
01-07
1FFBh
0
0
10 Hours
Hours
Hour
00-23
1FFAh
0
10 Minutes
Minutes
Minutes
00-59
1FF9h
ST
10 Seconds
Seconds
Seconds
00-59
1FF8h
W
R
S
Calibration
Control
1FF7h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
1FF6h
AFE
Y
ABE
YYYYY
Interrupts
1FF5h
RPT4
Y
Al. 10 Date
Alarm Date
Alarm Date
01-31
1FF4h
RPT3
Y
Al. 10 Hours
Alarm Hours
Alarm Hours
00-23
1FF3h
RPT2
Alarm 10 Minutes
Alarm Minutes
Alarm Minutes
00-59
1FF2h
RPT1
Alarm 10 Seconds
Alarm Seconds
Alarm Seconds
00-59
1FF1h
YYY
YYYYY
Unused
1FF0h
WDF
AF
Z
BL
ZZZZ
Flags
Keys:
S = SIGN Bit
FT = FREQUENCY TEST Bit
R = READ Bit
W = WRITE Bit
ST = STOP Bit
0 = Must be set to zero
Y = ’1’ or ’0’
Z = ’0’ and are Read only
AF = Alarm Flag
BL = Battery Low
WDS = Watchdog Steering Bit
BMB0-BMB4 = Watchdog Multiplier Bits
RB0-RB1 = Watchdog Resolution Bits
AFE = Alarm Flag Enable
ABE = Alarm in Battery Back-up Mode Enable
RPT1-RPT4 = Alarm Repeat Mode Bits
WDF = Watchdog Flag
The M48T559Y may respond to transient noise
spikes on VCC that reach into the deselect window
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
When VCC drops below VSO, the control circuit
switches power to the internal battery which pre-
serves data and powers the clock. The internal
button cell will maintain data in the M48T559Y for
an accumulated period of at least 7 years when
VCC is less than VSO. As system power returns
and VCC rises above VSO, the battery is discon-
nected, and the power supply is switched to exter-
nal VCC. Write protection continues until VCC
reaches VPFD (max) plus tREC. For more informa-
tion on Battery Storage Life refer to the Application
Note AN1012.
POWER-ON RESET
The M48T559Y continuously monitors VCC. When
VCC falls to the power fail detect trip point, the RST
pulls low (open drain) and remains low on power-
up for 40ms to 200ms after VCC passes VPFD. An
external pull-up resistor to VCC is required (1kΩ re-
sistor is recommended). The reset pulse remains
active with VCC at VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com