Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T559Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T559Y
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T559Y Datasheet(HTML) 5 Page - STMicroelectronics

  M48T559Y Datasheet HTML 1Page - STMicroelectronics M48T559Y Datasheet HTML 2Page - STMicroelectronics M48T559Y Datasheet HTML 3Page - STMicroelectronics M48T559Y Datasheet HTML 4Page - STMicroelectronics M48T559Y Datasheet HTML 5Page - STMicroelectronics M48T559Y Datasheet HTML 6Page - STMicroelectronics M48T559Y Datasheet HTML 7Page - STMicroelectronics M48T559Y Datasheet HTML 8Page - STMicroelectronics M48T559Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
M48T559Y
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = 0 to 70 °C)
Note: 1. All voltages referenced to VSS.
2. At 25°C.
Table 8. Power Down/Up AC Characteristics
(TA = 0 to 70 °C)
Note: 1. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
2. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
4.2
4.35
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
(2)
Expected Data Retention Time
7
YEARS
Symbol
Parameter
Min
Max
Unit
tPD
E at VIH before Power Down
0
µs
tF
(1)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(2)
VPFD (min) to VSS VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tREC
VPFD (max) to RST High
40
200
ms
Figure 5. Power Down/Up Mode AC Waveforms
AI01384D
VCC
INPUTS
RST
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tREC
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com