Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC32308 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RC32308
Description  FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32308 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RC32308 Datasheet HTML 1Page - Renesas Technology Corp RC32308 Datasheet HTML 2Page - Renesas Technology Corp RC32308 Datasheet HTML 3Page - Renesas Technology Corp RC32308 Datasheet HTML 4Page - Renesas Technology Corp RC32308 Datasheet HTML 5Page - Renesas Technology Corp RC32308 Datasheet HTML 6Page - Renesas Technology Corp RC32308 Datasheet HTML 7Page - Renesas Technology Corp RC32308 Datasheet HTML 8Page - Renesas Technology Corp RC32308 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Datasheet
R31DS0128EU0116 Rev.1.16
Page 1
Nov 17, 2025
© 2023-2025 Renesas Electronics
Description
The RC32312/RC32308 is an ultra-low phase noise
jitter attenuator, multi-frequency synthesizer,
synchronous Ethernet synchronizer, and digitally
controlled oscillator (DCO). This flexible, low-power
device outputs clocks with 25fs RMS jitter supporting
112Gbps and 224Gbps SerDes.
Applications
▪ Jitter attenuation for:
• 112Gbps and 224Gbps SerDes
• 100 / 200 / 400 / 800 / 1600 Gbps Ethernet PHYs
▪ Synchronous Ethernet timing cards and line cards
▪ Switches and routers
▪ Medical imaging
▪ Test and measurement
Features
▪ Jitter 25fs RMS, 12kHz to 20MHz with 4MHz HPF
▪ Output frequency range:
• 4kHz to 1GHz for differential outputs
• 4kHz to 250MHz for single-ended outputs
▪ Up to 12 HCSL (AC-LVPECL) or LVDS outputs with
independent integer dividers; differential outputs
can be configured as two single-ended outputs
▪ Up to four clock inputs that can each be configured
as differential or as two single-ended inputs
▪ Input frequency range:
• 1kHz to 1GHz for differential inputs
• 1kHz to 250MHz for single-ended inputs
▪ Compliant to ITU-T G.8262 and G.8262.1
▪ Hitless reference switching, manual or automatic
▪ DPLL input-to-output phase variation ≤ 500ps
▪ DCO frequency resolution < 10-13
▪ Factory programmable internal OTP
▪ RC32312
• 4 inputs and 12 outputs
• 9 × 9 mm, 64-VFQFPN
▪ RC32308
• 3 inputs and 8 outputs
• 7 × 7 mm, 48-VFQFPN
▪ Operating voltage: 1.8V
• Serial ports support 1.8V or 3.3V
▪ Operating temperature:
• -40°C to 85°C ambient
• -40°C to 105°C board
Figure 1. Typical Wireline Infrastructure Use Case
RC32112 / RC32308
Uplink Tx Clk
DPLL
SyncE
SyncE Rx Clk
Switch ASIC
Uplink PHY
N x 112 Gbps
N x 224 Gbps
Downlink PHYs
Processor
Controller PCIe
Low Jitter
Ultra-low Jitter
Low Jitter
Low Jitter
Oscillator
or Crystal
Synthesizers / Frequency
Domains
PCIe Clk
Processor Clk
Downlink Tx Clk
Uplink Tx Clk
PCIe Clk
Processor Clk
Downlink Tx Clk
RC32312, RC32308
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer


Similar Part No. - RC32308

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32308 RENESAS-RC32308 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308A000GNE#BB0 RENESAS-RC32308A000GNE#BB0 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308A000GNE#KB0 RENESAS-RC32308A000GNE#KB0 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308A001GNE#BB0 RENESAS-RC32308A001GNE#BB0 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308A001GNE#KB0 RENESAS-RC32308A001GNE#KB0 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
More results

Similar Description - RC32308

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490-24 RENESAS-8V19N490-24 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com