Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z35AY Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z35AY
Description  256 Kbit 32Kb x8 ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z35AY Datasheet HTML 3Page - STMicroelectronics M48Z35AY Datasheet HTML 4Page - STMicroelectronics M48Z35AY Datasheet HTML 5Page - STMicroelectronics M48Z35AY Datasheet HTML 6Page - STMicroelectronics M48Z35AY Datasheet HTML 7Page - STMicroelectronics M48Z35AY Datasheet HTML 8Page - STMicroelectronics M48Z35AY Datasheet HTML 9Page - STMicroelectronics M48Z35AY Datasheet HTML 10Page - STMicroelectronics M48Z35AY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
M48Z35AY, M48Z35AV
Figure 6. Read Mode AC Waveforms.
Note: Write Enable (W) = High.
AI00925
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID
Table 9. Read Mode AC Characteristics
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5V to 5.5V or 3.0V to 3.6V)
Note: 1. CL = 100pF (see Figure 4).
2. CL = 5pF (see Figure 4).
Symbol
Parameter
M48Z35AY
M48Z35AV
Unit
-70
-100
Min
Max
Min
Max
tAVAV
Read Cycle Time
70
100
ns
tAVQV
(1)
Address Valid to Output Valid
70
100
ns
tELQV
(1)
Chip Enable Low to Output Valid
70
100
ns
tGLQV
(1)
Output Enable Low to Output Valid
35
50
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
10
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
25
50
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
40
ns
tAXQX
(1)
Address Transition to Output Transition
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com