Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z35AY Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z35AY
Description  256 Kbit 32Kb x8 ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AY Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z35AY Datasheet HTML 1Page - STMicroelectronics M48Z35AY Datasheet HTML 2Page - STMicroelectronics M48Z35AY Datasheet HTML 3Page - STMicroelectronics M48Z35AY Datasheet HTML 4Page - STMicroelectronics M48Z35AY Datasheet HTML 5Page - STMicroelectronics M48Z35AY Datasheet HTML 6Page - STMicroelectronics M48Z35AY Datasheet HTML 7Page - STMicroelectronics M48Z35AY Datasheet HTML 8Page - STMicroelectronics M48Z35AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
April 2000
M48Z35AY
M48Z35AV
256 Kbit (32Kb x8) ZEROPOWER® SRAM
s
INTEGRATED ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT and
BATTERY
s
READ CYCLE TIME EQUALS WRITE CYCLE
TIME
s
BATTERY LOW FLAG (BOK)
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48Z35AY: 4.20V
≤ VPFD ≤ 4.50V
– M48Z35AV: 2.7V
≤ VPFD ≤ 3.0V
s
SELF-CONTAINED BATTERY in the CAPHAT
DIP PACKAGE
s
PACKAGING INCLUDES a 28-LEAD SOIC and
SNAPHAT® TOP
(to be Ordered Separately)
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP which
CONTAINS the BATTERY and CRYSTAL
s
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 32K x8 SRAMs
DESCRIPTION
The M48Z35AY/35AV ZEROPOWER® RAM is a
32 Kbit x8 non-volatile static RAM that integrates
power-fail deselect circuitry and battery control
logic on a single die. The monolithic chip is avail-
able in two special packages to provide a highly in-
tegrated battery backed-up memory solution.
Figure 1. Logic Diagram
AI02781B
15
A0-A14
W
DQ0-DQ7
VCC
M48Z35AY
M48Z35AV
G
VSS
8
E
Table 1. Signal Names
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
28
1
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery
PCDIP28 (PC)
Battery CAPHAT


Similar Part No. - M48Z35AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
05-Nov-2007
M48Z35AV-10MH1E STMICROELECTRONICS-M48Z35AV-10MH1E Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
05-Nov-2007
M48Z35AV-10MH1F STMICROELECTRONICS-M48Z35AV-10MH1F Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
05-Nov-2007
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48Z35AV-10PC1E STMICROELECTRONICS-M48Z35AV-10PC1E Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
05-Nov-2007
More results

Similar Description - M48Z35AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Jan-1999
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Jan-1999
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com