Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z35AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z35AY
Description  256 Kbit 32Kb x8 ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AY Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z35AY Datasheet HTML 1Page - STMicroelectronics M48Z35AY Datasheet HTML 2Page - STMicroelectronics M48Z35AY Datasheet HTML 3Page - STMicroelectronics M48Z35AY Datasheet HTML 4Page - STMicroelectronics M48Z35AY Datasheet HTML 5Page - STMicroelectronics M48Z35AY Datasheet HTML 6Page - STMicroelectronics M48Z35AY Datasheet HTML 7Page - STMicroelectronics M48Z35AY Datasheet HTML 8Page - STMicroelectronics M48Z35AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
M48Z35AY, M48Z35AV
Table 5. Capacitance (1, 2)
(TA = 25 °C)
Note: 1. Effective capacitance measured with power supply at 5V.
2. Sampled only, not 100% tested.
3. Outputs deselected.
Table 6. DC Characteristics
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5V to 5.5V or 3.0v to 3.6V)
Note: 1. Outputs deselected.
2. Negative spikes of –1V allowed for up to 10ns once per cycle.
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = 0 to 70 °C or –40 to 85 °C)
Note: 1. All voltages referenced to VSS.
2. At 25 °C.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
CIO
(3)
Input / Output Capacitance
VOUT = 0V
10
pF
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
(1)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(1)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±5
µA
ICC
Supply Current
Outputs open
50
mA
ICC1
Supply Current (Standby) TTL
E = VIH
3mA
ICC2
Supply Current (Standby) CMOS
E = VCC – 0.2V
3mA
VIL
(2)
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage (M48Z35AY)
4.2
4.35
4.5
V
VPFD
Power-fail Deselect Voltage (M48Z35AV)
2.7
2.9
3.0
V
VSO
Battery Back-up Switchover Voltage (M48Z35AY)
3.0
V
VSO
Battery Back-up Switchover Voltage (M48Z35AV)
VPFD – 100mV
V
tDR
(2)
Expected Data Retention Time
10
YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com