Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW012 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50LPW012
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW012 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50LPW012 Datasheet HTML 9Page - STMicroelectronics M50LPW012 Datasheet HTML 10Page - STMicroelectronics M50LPW012 Datasheet HTML 11Page - STMicroelectronics M50LPW012 Datasheet HTML 12Page - STMicroelectronics M50LPW012 Datasheet HTML 13Page - STMicroelectronics M50LPW012 Datasheet HTML 14Page - STMicroelectronics M50LPW012 Datasheet HTML 15Page - STMicroelectronics M50LPW012 Datasheet HTML 16Page - STMicroelectronics M50LPW012 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13/35
M50LPW012
During the polling period between issuing the
Program/Erase
Suspend
command
and
the
Program/Erase Controller pausing it is possible for
the operation to complete. Once Program/Erase
Controller Status bit indicates that the Program/
Erase Controller is no longer active, the Program
Suspend Status bit or the Erase Suspend Status
bit can be used to determine if the operation has
completed or is suspended. For timing on the
delay
between
issuing
the
Program/Erase
Suspend
command
and
the
Program/Erase
Controller pausing see Table 13.
During
Program/Erase
Suspend
the
Read
Memory Array, Read Status Register, Read
Electronic Signature and Program/Erase Resume
commands will be accepted by the Command
Interface. Additionally, if the suspended operation
was Block Erase then the Program command will
also be accepted; only the blocks not being erased
may be read or programmed correctly.
See Figures 15, Program Suspend & Resume
Flowchart and Pseudo Code, and 18, Erase
Suspend & Resume Flowchart and Pseudo Code,
for suggested flowcharts on using the Program/
Erase Suspend command.
Program/Erase Resume Command. The
Pro-
gram/Erase Resume command can be used to re-
start
the
Program/Erase
Controller
after
a
Program/Erase Suspend has paused it. One Bus
Write cycle is required to issue the Program/Erase
Resume command. Once the command is issued
subsequent Bus Read operations read the Status
Register.
STATUS REGISTER
The Status Register provides information on the
current or previous Program or Erase operation.
Different bits in the Status Register convey
different information and errors on the operation.
To read the Status Register the Read Status
Register command can be issued. The Status
Register is automatically read after Program,
Erase and Program/Erase Resume commands
are issued. The Status Register can be read from
any address.
The Status Register bits are summarized in Table
14, Status Register Bits. Refer to Table 14 in con-
junction with the text descriptions below.
Program/Erase Controller Status (Bit 7). The Pro-
gram/Erase Controller Status bit indicates whether
the Program/Erase Controller is active or inactive.
When the Program/Erase Controller Status bit is
‘0’, the Program/Erase Controller is active; when
the bit is ‘1’, the Program/Erase Controller is inac-
tive.
The Program/Erase Controller Status is ‘0’ imme-
diately after a Program/Erase Suspend command
is issued until the Program/Erase Controller paus-
es. After the Program/Erase Controller pauses the
bit is ‘1’.
During Program and Erase operation the Pro-
gram/Erase Controller Status bit can be polled to
find the end of the operation. The other bits in the
Status Register should not be tested until the Pro-
gram/Erase Controller completes the operation
and the bit is ‘1’.
Table 13. Program and Erase Times
(TA = 0 to 70°C; VCC = 3.0 to 3.6V)
Note: 1. TA = 25°C, VCC = 3.3V
2. This time is obtained executing the Quadruple Byte Program Command.
3. Sampled only, not 100% tested.
4. 10
µs to program 4 Bytes.
Parameter
Interface
Test Condition
Min
Typ (1)
Max
Unit
Byte Program
10
200
µs
Quadruple Byte Program
A/A Mux
VPP = 12V ± 5%
10(4)
200
µs
Chip Erase
A/A Mux
VPP = 12V ± 5%
3sec
Block Program (64 KBytes)
A/A Mux
VPP = 12V ± 5%
0.1 (2)
5
sec
VPP < 12V – 5%
0.4
5
sec
Block Erase (64 KBytes)
VPP = 12V ± 5%
0.75
8
sec
VPP < 12V – 5%
110
sec
Program/Erase Suspend to Program pause (3)
5
µs
Program/Erase Suspend to Block Erase pause (3)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com