Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW012 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M50LPW012
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW012 Datasheet(HTML) 2 Page - STMicroelectronics

  M50LPW012 Datasheet HTML 1Page - STMicroelectronics M50LPW012 Datasheet HTML 2Page - STMicroelectronics M50LPW012 Datasheet HTML 3Page - STMicroelectronics M50LPW012 Datasheet HTML 4Page - STMicroelectronics M50LPW012 Datasheet HTML 5Page - STMicroelectronics M50LPW012 Datasheet HTML 6Page - STMicroelectronics M50LPW012 Datasheet HTML 7Page - STMicroelectronics M50LPW012 Datasheet HTML 8Page - STMicroelectronics M50LPW012 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
M50LPW012
2/35
Figure 2. Logic Diagram (A/A Mux Interface)
AI06950
11
RC
DQ0-DQ7
VCC
M50LPW012
IC
VSS
8
G
W
RB
RP
A0-A10
VPP
DESCRIPTION
The M50LPW012 is a 2Mbit (256Kb x8) non-
volatile memory that can be read, erased and
reprogrammed.
These
operations
can
be
performed using a single low voltage (3.0 to 3.6V)
supply. For fast programming and fast erasing in
production lines an optional 12V power supply can
be used to reduce the programming and the
erasing times.
The memory is divided into blocks that can be
erased independently so it is possible to preserve
valid data while old data is erased. Blocks can be
protected
individually
to
prevent
accidental
Program or Erase commands from modifying the
memory. Program and Erase commands are
written to the Command Interface of the memory.
An on-chip Program/Erase Controller simplifies
the process of programming or erasing the
memory by taking care of all of the special
operations that are required to update the memory
contents. The end of a program or erase operation
can
be
detected
and
any
error
conditions
identified. The command set required to control
the memory is consistent with JEDEC standards.
Two different bus interfaces are supported by the
memory. The primary interface is the Low Pin
Count (or LPC) Standard Interface. This has been
designed to remove the need for the ISA bus in
Figure 3. PLCC Connections
Note: Pins 27 and 28 are not internally connected.
AI06951
NC
LFRAME
17
ID1
ID0
LAD0
GPI1
TBL
ID3
ID2
GPI0
WP
9
VSS
1
VCC
NC
RFU
32
M50LPW012
IC (VIL)
INIT
RFU
25
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
NC
W
VSS
VCC
NC
DQ7
IC (VIH)
G
RB
A/A Mux
A/A Mux
A/A Mux
A/A Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com