Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW012 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M50LPW012
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW012 Datasheet(HTML) 3 Page - STMicroelectronics

  M50LPW012 Datasheet HTML 1Page - STMicroelectronics M50LPW012 Datasheet HTML 2Page - STMicroelectronics M50LPW012 Datasheet HTML 3Page - STMicroelectronics M50LPW012 Datasheet HTML 4Page - STMicroelectronics M50LPW012 Datasheet HTML 5Page - STMicroelectronics M50LPW012 Datasheet HTML 6Page - STMicroelectronics M50LPW012 Datasheet HTML 7Page - STMicroelectronics M50LPW012 Datasheet HTML 8Page - STMicroelectronics M50LPW012 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/35
M50LPW012
Table 1. Signal Names (LPC Interface) Memory
LAD0-LAD3
Input/Output Communications
LFRAME
Input Communication Frame
ID0-ID3
Identification Inputs
GPI0-GPI4
General Purpose Inputs
IC
Interface Configuration
RP
Interface Reset
INIT
CPU Reset
CLK
Clock
TBL
Top Block Lock
WP
Write Protect
RFU
Reserved for Future Use. Leave
disconnected or set at VIL or VIH.
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast
Erase Operations
VSS
Ground
NC
Not Connected Internally
current PC Chipsets; the M50LPW012 acts as the
PC BIOS on the Low Pin Count bus for these PC
Chipsets.
The secondary interface, the Address/Address
Multiplexed (or A/A Mux) Interface, is designed to
be compatible with current Flash Programmers for
production line programming prior to fitting to a PC
Motherboard.
The memory is offered in a PLCC32 package and
is supplied with all the bits erased (set to 1).
System Memory Mapping
The LPC address sequence is 32 bits long. The
M50LPW012 responds to addresses mapped to
the top of the 4 GByte memory space, from
FFFF FFFFh. Address bits A31-A24, A22 must be
set to 1. A23 is set to 1 for array access, and to 0
for register access.
The M50LPW012 also responds to addresses
mapped to the bottom of the 4 GByte memory
space, from 0000 0000h. Address bits A31-A24,
A22 must be set to 0. A23 is set to 0 for array
access, and to 1 for register access.
For A21-A18, see Table 2. A17-A0 are for array
addresses.
Table 2. Memory Identification Input Configuration
Memory
Number
ID2
ID2
ID1
ID0
Top
Bottom
A
21
A
20
A
19
A
18
A
21
A
20
A
19
A
18
1 (Boot)
VIL or floating VIL or floating VIL or floating VIL or floating
11
11
001
1
2
VIL or floating VIL or floating VIL or floating
VIH
11
10
001
0
3
VIL or floating VIL or floating
VIH
VIL or floating
11
01
000
1
4
VIL or floating VIL or floating
VIH
VIH
11
00
000
0
5
VIL or floating
VIH
VIL or floating VIL or floating
10
11
011
1
6
VIL or floating
VIH
VIL or floating
VIH
10
10
011
0
7
VIL or floating
VIH
VIH
VIL or floating
10
01
010
1
8
VIL or floating
VIH
VIH
VIH
10
00
010
0
9
VIH
VIL or floating VIL or floating VIL or floating
01
11
101
1
10
VIH
VIL or floating VIL or floating
VIH
01
10
101
0
11
VIH
VIL or floating
VIH
VIL or floating
01
01
100
1
12
VIH
VIL or floating
VIH
VIH
01
00
100
0
13
VIH
VIH
VIL or floating VIL or floating
00
11
111
1
14
VIH
VIH
VIL or floating
VIH
00
10
111
0
15
VIH
VIH
VIH
VIL or floating
00
01
110
1
16
VIH
VIH
VIH
VIH
00
00
110
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com