Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 35 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 31Page - Texas Instruments TUSB2136 Datasheet HTML 32Page - Texas Instruments TUSB2136 Datasheet HTML 33Page - Texas Instruments TUSB2136 Datasheet HTML 34Page - Texas Instruments TUSB2136 Datasheet HTML 35Page - Texas Instruments TUSB2136 Datasheet HTML 36Page - Texas Instruments TUSB2136 Datasheet HTML 37Page - Texas Instruments TUSB2136 Datasheet HTML 38Page - Texas Instruments TUSB2136 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
2−22
2.9.3
VECINT: Vector Interrupt Register
This register contains a vector value identifying the internal interrupt source that trapped to location 0003h. Writing
any value to this register removes the vector and updates the next vector value (if another interrupt is pending). Note
that the vector value is offset. Therefore, its value is in increments of two (bit 0 is set to 0). When no interrupt is pending,
the vector is set to 00h. Table 2−8 is a table of the vector interrupt values. As shown, the interrupt vector is divided
into two fields, I[2:0] and G[3:0]. The I-field defines the interrupt source within a group (on a first-come, first-served
basis) and the G-field defines the group number. Group G0 is the lowest and G15 is the highest priority.
7
6
5
4
3
210
G3
G2
G1
G0
I2
I1
I0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/O
BIT
NAME
RESET
FUNCTION
3−1
I[2:0]
000
This field defines the interrupt source in a given group. See Table 2−8, Vector Interrupt Values.
Bit 0 is always 0; therefore, vector values are offset by two.
7−4
G[3:0]
0000
This field defines the interrupt group. I[2:0] and G[3:0] combine to produce the actual interrupt vector.
Table 2−8. Vector Interrupt Values
G[3:0]
(Hex)
I[2:0]
(Hex)
VECTOR
(Hex)
INTERRUPT SOURCE
0
0
00
No interrupt
1
0
10
RESERVED
1
1
12
Output endpoint 1
1
2
14
Output endpoint 2
1
3
16
Output endpoint 3
1
4−7
18−1E
RESERVED
2
0
20
RESERVED
2
1
22
Input endpoint 1
2
2
24
Input endpoint 2
2
3
26
Input endpoint 3
2
4−7
28−2E
RESERVED
3
0
30
STPOW packet received
3
1
32
SETUP packet received
3
2
34
PWON interrupt
3
3
36
PWOFF interrupt
3
4
38
RESR interrupt
3
5
3A
SUSR interrupt
3
6
3C
RSTR interrupt
3
7
3E
RESERVED
4
0
40
I2C TXE interrupt
4
1
42
I2C RXF interrupt
4
2
44
Input endpoint 0
4
3
46
Output endpoint 0
4
4−7
48
→ 4E
RESERVED
5−15
X
90
→ FE
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com