Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 36Page - Texas Instruments TUSB2136 Datasheet HTML 37Page - Texas Instruments TUSB2136 Datasheet HTML 38Page - Texas Instruments TUSB2136 Datasheet HTML 39Page - Texas Instruments TUSB2136 Datasheet HTML 40Page - Texas Instruments TUSB2136 Datasheet HTML 41Page - Texas Instruments TUSB2136 Datasheet HTML 42Page - Texas Instruments TUSB2136 Datasheet HTML 43Page - Texas Instruments TUSB2136 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
2−27
The RXF bit in I2CSTA is set, and interrupts the MCU, indicating that data is available.
The MCU reads the I2CDAI register, clearing the RXF bit (I2CSTA[RXF] = 0).
This operation repeats 31 times.
3.
Last-Byte Read (byte 32)
The MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after the
I2CDAI register is received.
Data from the device is latched into the I2CDAI register (stop condition is transmitted).
The RXF bit in I2CSTA is set, and interrupts the MCU, indicating that data is available.
The MCU reads the I2CDAI register, clearing the RXF bit (I2CSTA[RXF] = 0).
2.11.4 Write Operation (Serial EEPROM)
The byte write operation involves three phases: 1) device address + EEPROM [high byte] phase, 2) EEPROM [low
byte] phase, and 3) EEPROM [DATA]. The following describes the sequence of events to accomplish the byte write
transaction:
Device Address + EEPROM [high byte]
The MCU sets I2CSTA[SWR] = 0. This prevents the I2C controller from generating a stop condition after
the content of the I2CDAO register is transmitted.
The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
The MCU writes the high byte of the EEPROM address into the I2CDAO register, starting the transfer on
the SDA line.
The TXE bit in I2CSTA is cleared, indicating busy.
The content of the I2CADR register is transmitted to the device (preceded by a start condition on SDA).
The content of the I2CDAO register is transmitted to the device (EEPROM high-address).
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
EEPROM [low byte]
The MCU writes the low byte of the EEPROM address into the I2CDAO register.
The TXE bit in I2CSTA is cleared, indicating busy.
The content of the I2CDAO register is transmitted to the device (EEPROM address).
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com