Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 26Page - Texas Instruments TUSB2136 Datasheet HTML 27Page - Texas Instruments TUSB2136 Datasheet HTML 28Page - Texas Instruments TUSB2136 Datasheet HTML 29Page - Texas Instruments TUSB2136 Datasheet HTML 30Page - Texas Instruments TUSB2136 Datasheet HTML 31Page - Texas Instruments TUSB2136 Datasheet HTML 32Page - Texas Instruments TUSB2136 Datasheet HTML 33Page - Texas Instruments TUSB2136 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
2−17
2.6.5
HUBCNFG: Hub Configuration Register
7
6
5
4
3
210
OCP
I/G
P3.1
P3.0
P2A
P2E
P1A
P1E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
P1E
0
Hub port-1 enable/disable control bit
0
P1E
0
P1E = 0
Port 1 is disabled.
P1E = 1
Port 1 is enabled.
1
P1A
0
Hub port−1; permanent attachment control bit.
1
P1A
0
P1A = 0
Port 1 is connected to a removable function.
P1A = 1
Port 1 is connected to a permanent attachment function.
2
P2E
0
Hub port-2 enable/disable control bit
2
P2E
0
P2E = 0
Port 2 is disabled.
P2E = 1
Port-2 is enabled.
3
P2A
0
Hub port-2 permanent-attachment control bit
3
P2A
0
P2A = 0
Port 2 is connected to a removable function.
P2A = 1
Port 2 is connected to a permanent-attachment function.
5−4
P3[1:0]
00
Hub port-3 embedded-function control field
00b = Port 3 is disabled (doesn’t exist).
01b = Port 3 is permanently attached.
10b = Port 3 is connected to a removable function, but is not attached.
11b = Port 3 is connected to a removable function, and is attached.
6
I/G
0
Individual/gang power control bit
6
I/G
0
I/G = 0
Overcurrent and power control are controlled individually.
I/G = 1
Overcurrent and power control are gang controlled.
7
OCP
0
Overcurrent protection control bit
7
OCP
0
OCP = 0
Overcurrent protection is disabled.
OCP = 1
Overcurrent protection is enabled.
2.6.6
HUBPOTG: Hub Power-On to Power-Good Descriptor Register
7
6
5
4
3
210
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
00h
Offset-5 in hub descriptor table
2.6.7
HUBCURT: Hub Current Descriptor Register
7
6
5
4
3
210
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
00h
Offset-6 in hub descriptor table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com