Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 106 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 106 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 102Page - Texas Instruments DRA752ABC Datasheet HTML 103Page - Texas Instruments DRA752ABC Datasheet HTML 104Page - Texas Instruments DRA752ABC Datasheet HTML 105Page - Texas Instruments DRA752ABC Datasheet HTML 106Page - Texas Instruments DRA752ABC Datasheet HTML 107Page - Texas Instruments DRA752ABC Datasheet HTML 108Page - Texas Instruments DRA752ABC Datasheet HTML 109Page - Texas Instruments DRA752ABC Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 443 page
background image
106
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-6. HDMI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
hdmi1_hpd
HDMI display hot plug detect
I
B21/ G20
hdmi1_ddc_scl
HDMI display data channel clock
IOD
C25
hdmi1_ddc_sda
HDMI display data channel data
IOD
F17
hdmi1_clockx
HDMI clock differential positive or negative
ODS
AG16
hdmi1_clocky
HDMI clock differential positive or negative
ODS
AH16
hdmi1_data2x
HDMI data 2 differential positive or negative
ODS
AG19
hdmi1_data2y
HDMI data 2 differential positive or negative
ODS
AH19
hdmi1_data1x
HDMI data 1 differential positive or negative
ODS
AG18
hdmi1_data1y
HDMI data 1 differential positive or negative
ODS
AH18
hdmi1_data0x
HDMI data 0 differential positive or negative
ODS
AG17
hdmi1_data0y
HDMI data 0 differential positive or negative
ODS
AH17
4.4.4
External Memory Interface (EMIF)
NOTE
For more information, see the Memory Subsystem / EMIF Controller section of the device
TRM.
NOTE
The index numbers 1 and 2 which are part of the EMIF1 and EMIF2 signal prefixes (ddr1_*
and ddr2_*) listed in Table 4-7, EMIF Signal Descriptions, not to be confused with DDR1 and
DDR2 types of SDRAM memories.
Table 4-7. EMIF Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
EMIF Channel 1
ddr1_csn0
EMIF1 Chip Select 0
O
AH23
ddr1_cke
EMIF1 Clock Enable
O
AG22
ddr1_ck
EMIF1 Clock
O
AG24
ddr1_nck
EMIF1 Negative Clock
O
AH24
ddr1_odt0
EMIF1 On-Die Termination for Chip Select 0
O
AE20
ddr1_casn
EMIF1 Column Address Strobe
O
AC18
ddr1_rasn
EMIF1 Row Address Strobe
O
AF20
ddr1_wen
EMIF1 Write Enable
O
AH21
ddr1_rst
EMIF1 Reset output (DDR3-SDRAM only)
O
AG21
ddr1_ba0
EMIF1 Bank Address
O
AF17
ddr1_ba1
EMIF1 Bank Address
O
AE18
ddr1_ba2
EMIF1 Bank Address
O
AB18
ddr1_a0
EMIF1 Address Bus
O
AD20
ddr1_a1
EMIF1 Address Bus
O
AC19
ddr1_a2
EMIF1 Address Bus
O
AC20
ddr1_a3
EMIF1 Address Bus
O
AB19
ddr1_a4
EMIF1 Address Bus
O
AF21
ddr1_a5
EMIF1 Address Bus
O
AH22
ddr1_a6
EMIF1 Address Bus
O
AG23
ddr1_a7
EMIF1 Address Bus
O
AE21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com