Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 110 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 110 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 106Page - Texas Instruments DRA752ABC Datasheet HTML 107Page - Texas Instruments DRA752ABC Datasheet HTML 108Page - Texas Instruments DRA752ABC Datasheet HTML 109Page - Texas Instruments DRA752ABC Datasheet HTML 110Page - Texas Instruments DRA752ABC Datasheet HTML 111Page - Texas Instruments DRA752ABC Datasheet HTML 112Page - Texas Instruments DRA752ABC Datasheet HTML 113Page - Texas Instruments DRA752ABC Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 443 page
background image
110
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-7. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr2_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is output to the
EMIF2 memory when writing and input when reading.
IO
M28
ddr2_dqsn3
Data strobe 3 invert
IO
M27
ddr2_vref0
Reference Power Supply EMIF2
A
N22
(1) The ECC module (EMIF1 ECC Data Bus in Table 4-4) signal sets are NOT supported in the DRA74x device. For more details on the
device differentiation, refer to the Table 3-1, Device Comparison.
4.4.5
General-Purpose Memory Controller (GPMC)
NOTE
For more information, see the Memory Subsystem / General-Purpose Memory Controller
section of the device TRM.
Table 4-8. GPMC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_ad0
GPMC Data 0 in A/D nonmultiplexed mode and additionally Address 1
in A/D multiplexed mode
IO
M6
gpmc_ad1
GPMC Data 1 in A/D nonmultiplexed mode and additionally Address 2
in A/D multiplexed mode
IO
M2
gpmc_ad2
GPMC Data 2 in A/D nonmultiplexed mode and additionally Address 3
in A/D multiplexed mode
IO
L5
gpmc_ad3
GPMC Data 3 in A/D nonmultiplexed mode and additionally Address 4
in A/D multiplexed mode
IO
M1
gpmc_ad4
GPMC Data 4 in A/D nonmultiplexed mode and additionally Address 5
in A/D multiplexed mode
IO
L6
gpmc_ad5
GPMC Data 5 in A/D nonmultiplexed mode and additionally Address 6
in A/D multiplexed mode
IO
L4
gpmc_ad6
GPMC Data 6 in A/D nonmultiplexed mode and additionally Address 7
in A/D multiplexed mode
IO
L3
gpmc_ad7
GPMC Data 7 in A/D nonmultiplexed mode and additionally Address 8
in A/D multiplexed mode
IO
L2
gpmc_ad8
GPMC Data 8 in A/D nonmultiplexed mode and additionally Address 9
in A/D multiplexed mode
IO
L1
gpmc_ad9
GPMC Data 9 in A/D nonmultiplexed mode and additionally Address 10
in A/D multiplexed mode
IO
K2
gpmc_ad10
GPMC Data 10 in A/D nonmultiplexed mode and additionally Address
11 in A/D multiplexed mode
IO
J1
gpmc_ad11
GPMC Data 11 in A/D nonmultiplexed mode and additionally Address
12 in A/D multiplexed mode
IO
J2
gpmc_ad12
GPMC Data 12 in A/D nonmultiplexed mode and additionally Address
13 in A/D multiplexed mode
IO
H1
gpmc_ad13
GPMC Data 13 in A/D nonmultiplexed mode and additionally Address
14 in A/D multiplexed mode
IO
J3
gpmc_ad14
GPMC Data 14 in A/D nonmultiplexed mode and additionally Address
15 in A/D multiplexed mode
IO
H2
gpmc_ad15
GPMC Data 15 in A/D nonmultiplexed mode and additionally Address
16 in A/D multiplexed mode
IO
H3
gpmc_a0
GPMC Address 0. Only used to effectively address 8-bit data
nonmultiplexed memories
O
R6 / P4
gpmc_a1
GPMC address 1 in A/D nonmultiplexed mode and Address 17 in A/D
multiplexed mode
O
T9 / P1
gpmc_a2
GPMC address 2 in A/D nonmultiplexed mode and Address 18 in A/D
multiplexed mode
O
T6 / N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com