Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 111 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 111 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 107Page - Texas Instruments DRA752ABC Datasheet HTML 108Page - Texas Instruments DRA752ABC Datasheet HTML 109Page - Texas Instruments DRA752ABC Datasheet HTML 110Page - Texas Instruments DRA752ABC Datasheet HTML 111Page - Texas Instruments DRA752ABC Datasheet HTML 112Page - Texas Instruments DRA752ABC Datasheet HTML 113Page - Texas Instruments DRA752ABC Datasheet HTML 114Page - Texas Instruments DRA752ABC Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 443 page
background image
111
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-8. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_a3
GPMC address 3 in A/D nonmultiplexed mode and Address 19 in A/D
multiplexed mode
O
T7 / M4
gpmc_a4
GPMC address 4 in A/D nonmultiplexed mode and Address 20 in A/D
multiplexed mode
O
P6
gpmc_a5
GPMC address 5 in A/D nonmultiplexed mode and Address 21 in A/D
multiplexed mode
O
R9
gpmc_a6
GPMC address 6 in A/D nonmultiplexed mode and Address 22 in A/D
multiplexed mode
O
R5
gpmc_a7
GPMC address 7 in A/D nonmultiplexed mode and Address 23 in A/D
multiplexed mode
O
P5
gpmc_a8
GPMC address 8 in A/D nonmultiplexed mode and Address 24 in A/D
multiplexed mode
O
N7
gpmc_a9
GPMC address 9 in A/D nonmultiplexed mode and Address 25 in A/D
multiplexed mode
O
R4
gpmc_a10
GPMC address 10 in A/D nonmultiplexed mode and Address 26 in A/D
multiplexed mode
O
N9
gpmc_a11
GPMC address 11 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
P9
gpmc_a12
GPMC address 12 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
P4
gpmc_a13
GPMC address 13 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
R3 / K7
gpmc_a14
GPMC address 14 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
T2 / M7
gpmc_a15
GPMC address 15 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
U2 / J5
gpmc_a16
GPMC address 16 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
U1 / K6
gpmc_a17
GPMC address 17 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
P3 / J7
gpmc_a18
GPMC address 18 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
R2 / J4
gpmc_a19
GPMC address 19 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
K7(3) / J6
gpmc_a20
GPMC address 20 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
M7(3) / H4
gpmc_a21
GPMC address 21 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
J5(3) / H5
gpmc_a22
GPMC address 22 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
K6(3) / H6
gpmc_a23
GPMC address 23 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
J7/ AG5/ N1
gpmc_a24
GPMC address 24 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
J4(3) / AF2
gpmc_a25
GPMC address 25 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
J6(3) / AF6
gpmc_a26
GPMC address 26 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
H4(3) / AF3
gpmc_a27
GPMC address 27 in A/D nonmultiplexed mode and Address 27 in A/D
multiplexed mode
O
H5(3) / AF4
gpmc_cs0
GPMC Chip Select 0 (active low)
O
T1
gpmc_cs1
GPMC Chip Select 1 (active low)
O
H6
gpmc_cs2
GPMC Chip Select 2 (active low)
O
P2
gpmc_cs3
GPMC Chip Select 3 (active low)
O
P1
gpmc_cs4
GPMC Chip Select 4 (active low)
O
N6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com