Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 108 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 108 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 104Page - Texas Instruments DRA752ABC Datasheet HTML 105Page - Texas Instruments DRA752ABC Datasheet HTML 106Page - Texas Instruments DRA752ABC Datasheet HTML 107Page - Texas Instruments DRA752ABC Datasheet HTML 108Page - Texas Instruments DRA752ABC Datasheet HTML 109Page - Texas Instruments DRA752ABC Datasheet HTML 110Page - Texas Instruments DRA752ABC Datasheet HTML 111Page - Texas Instruments DRA752ABC Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 443 page
background image
108
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-7. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_ecc_d7
EMIF1 ECC Data Bus (1)
IO
Y26
ddr1_dqm0
EMIF1 Data Mask
O
AD23
ddr1_dqm1
EMIF1 Data Mask
O
AB23
ddr1_dqm2
EMIF1 Data Mask
O
AC26
ddr1_dqm3
EMIF1 Data Mask
O
AA27
ddr1_dqm_ecc
EMIF1 ECC Data Mask
O
V26
ddr1_dqs0
Data strobe 0 input/output for byte 0 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AH25
ddr1_dqsn0
Data strobe 0 invert
IO
AG25
ddr1_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AE27
ddr1_dqsn1
Data strobe 1 invert
IO
AE28
ddr1_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AD27
ddr1_dqsn2
Data strobe 2 invert
IO
AD28
ddr1_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
Y28
ddr1_dqsn3
Data strobe 3 invert
IO
Y27
ddr1_dqs_ecc
EMIF1 ECC Data strobe input/output. This signal is output to the EMIF1 memory when
writing and input when reading.
IO
V27
ddr1_dqsn_ecc
EMIF1 ECC Complementary Data strobe
IO
V28
ddr1_vref0
Reference Power Supply EMIF1
A
Y18
EMIF Channel 2
ddr2_csn0
EMIF2 Chip Select 0
O
P24
ddr2_cke
EMIF2 Clock Enable
O
U24
ddr2_ck
EMIF2 Clock
O
T28
ddr2_nck
EMIF2 Negative Clock
O
T27
ddr2_odt0
EMIF2 On-Die Termination for Chip Select 0
O
R23
ddr2_casn
EMIF2 Column Address Strobe
O
U28
ddr2_rasn
EMIF2 Row Address Strobe
O
T23
ddr2_wen
EMIF2 Write Enable
O
U25
ddr2_rst
EMIF2 Reset output (DDR3-SDRAM only)
O
R24
ddr2_ba0
EMIF2 Bank Address
O
U23
ddr2_ba1
EMIF2 Bank Address
O
U27
ddr2_ba2
EMIF2 Bank Address
O
U26
ddr2_a0
EMIF2 Address Bus
O
R25
ddr2_a1
EMIF2 Address Bus
O
R26
ddr2_a2
EMIF2 Address Bus
O
R28
ddr2_a3
EMIF2 Address Bus
O
R27
ddr2_a4
EMIF2 Address Bus
O
P23
ddr2_a5
EMIF2 Address Bus
O
P22
ddr2_a6
EMIF2 Address Bus
O
P25
ddr2_a7
EMIF2 Address Bus
O
N20
ddr2_a8
EMIF2 Address Bus
O
P27
ddr2_a9
EMIF2 Address Bus
O
N27
ddr2_a10
EMIF2 Address Bus
O
N23
ddr2_a11
EMIF2 Address Bus
O
P26
ddr2_a12
EMIF2 Address Bus
O
N28
ddr2_a13
EMIF2 Address Bus
O
T22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com