Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 119 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 119 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 115Page - Texas Instruments DRA752ABC Datasheet HTML 116Page - Texas Instruments DRA752ABC Datasheet HTML 117Page - Texas Instruments DRA752ABC Datasheet HTML 118Page - Texas Instruments DRA752ABC Datasheet HTML 119Page - Texas Instruments DRA752ABC Datasheet HTML 120Page - Texas Instruments DRA752ABC Datasheet HTML 121Page - Texas Instruments DRA752ABC Datasheet HTML 122Page - Texas Instruments DRA752ABC Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 443 page
background image
119
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-15. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp7_axr3
McASP7 Transmit/Receive Data
IO
J14
mcasp7_ahclkx
McASP7 Transmit High-Frequency Master Clock
O
B26
mcasp7_aclkx(1)
McASP7 Transmit Bit Clock
IO
G14
mcasp7_fsx
McASP7 Transmit Frame Sync
IO
F14
mcasp7_aclkr(1)
McASP7 Receive Bit Clock
IO
G14
mcasp7_fsr
McASP7 Receive Frame Sync
IO
F14
Multichannel Audio Serial Port 8
mcasp8_axr0
McASP8 Transmit/Receive Data
IO
D15
mcasp8_axr1
McASP8 Transmit/Receive Data
IO
B16
mcasp8_axr2
McASP8 Transmit/Receive Data
IO
E15
mcasp8_axr3
McASP8 Transmit/Receive Data
IO
A20
mcasp8_ahclkx
McASP8 Transmit High-Frequency Master Clock
O
C23
mcasp8_aclkx(1)
McASP8 Transmit Bit Clock
IO
B17
mcasp8_fsx
McASP8 Transmit Frame Sync
IO
A17
mcasp8_aclkr(1)
McASP8 Receive Bit Clock
IO
B17
mcasp8_fsr
McASP8 Receive Frame Sync
IO
A17
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any non-monotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.13 Universal Serial Bus (USB)
NOTE
For more information, see: Serial Communication Interface / SuperSpeed USB DRD
Subsystem section of the device TRM.
Table 4-16. Universal Serial Bus Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Serial Bus 1
usb1_dp
USB1 USB2.0 differential signal pair (positive)
IO
AD12
usb1_dm
USB1 USB2.0 differential signal pair (negative)
IO
AC12
usb1_drvvbus
USB1 Drive VBUS signal
O
AB10
usb_rxn0
USB1 USB3.0 receiver negative lane
I
AF12
usb_rxp0
USB1 USB3.0 receiver positive lane
I
AE12
usb_txn0
USB1 USB3.0 transmitter negative lane
O
AC11
usb_txp0
USB1 USB3.0 transmitter positive lane
O
AD11
Universal Serial Bus 2
usb2_dp
USB2 USB2.0 differential signal pair (positive)
IO
AE11
usb2_dm
USB2 USB2.0 differential signal pair (negative)
IO
AF11
usb2_drvvbus
USB2 Drive VBUS signal
O
AC10
Universal Serial Bus 3
usb3_ulpi_d0
USB3 - ULPI 8-bit data bus
IO
AC3 / AE1
usb3_ulpi_d1
USB3 - ULPI 8-bit data bus
IO
AC9 / AE5
usb3_ulpi_d2
USB3 - ULPI 8-bit data bus
IO
AC6 / AE3
usb3_ulpi_d3
USB3 - ULPI 8-bit data bus
IO
AC7 / AF1
usb3_ulpi_d4
USB3 - ULPI 8-bit data bus
IO
AC4 / AF4
usb3_ulpi_d5
USB3 - ULPI 8-bit data bus
IO
AD4 / AF3
usb3_ulpi_d6
USB3 - ULPI 8-bit data bus
IO
AB4 / AF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com