Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 121 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 121 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 117Page - Texas Instruments DRA752ABC Datasheet HTML 118Page - Texas Instruments DRA752ABC Datasheet HTML 119Page - Texas Instruments DRA752ABC Datasheet HTML 120Page - Texas Instruments DRA752ABC Datasheet HTML 121Page - Texas Instruments DRA752ABC Datasheet HTML 122Page - Texas Instruments DRA752ABC Datasheet HTML 123Page - Texas Instruments DRA752ABC Datasheet HTML 124Page - Texas Instruments DRA752ABC Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 443 page
background image
121
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
In the DRA74x device, the PCIe_SS2 controller is NOT available, and the PCIe_SS1
controller supports only a single lane. The PCIe2_PHY interface signal set (pcie_rxn1/rxp1,
pcie_txn1/txp1 in Table 4-18) is NOT supported in the DRA74x device. For more details
on the device differentiation, refer to the Table 3-1, Device Comparison.
Table 4-18. PCIe Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
pcie_rxn0
PCIe1_PHY_RX Receive Data Lane 0 (negative) - mapped to PCIe_SS1 only.
IOS
AG13
pcie_rxp0
PCIe1_PHY_RX Receive Data Lane 0 (positive) - mapped to PCIe_SS1 only.
IOS
AH13
pcie_txn0
PCIe1_PHY_TX Transmit Data Lane 0 (negative) - mapped to PCIe_SS1 only.
ODS
AG14
pcie_txp0
PCIe1_PHY_TX Transmit Data Lane 0 (positive) - mapped to PCIe_SS1 only.
ODS
AH14
pcie_rxn1(1)
PCIe2_PHY_RX Receive Data Lane 1 (negative) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
IOS
AG11
pcie_rxp1(1)
PCIe2_PHY_RX Receive Data Lane 1 (positive) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
IOS
AH11
pcie_txn1(1)
PCIe2_PHY_TX Transmit Data Lane 1 (negative) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
ODS
AG12
pcie_txp1(1)
PCIe2_PHY_TX Transmit Data Lane 1 (positive) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
ODS
AH12
ljcb_clkp
PCIe1_PHY / PCIe2_PHY shared Reference Clock Input / Output Differential Pair
(positive)
IODS
AG15
ljcb_clkn
PCIe1_PHY / PCIe2_PHY shared Reference Clock Input / Output Differential Pair
(negative)
IODS
AH15
(1) This is not applicable for DRA74x devices.
4.4.16 Controller Area Network Interface (DCAN)
NOTE
For more information, see the Serial Communication Interface / DCAN section of the device
TRM.
Table 4-19. DCAN Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DCAN 1
dcan1_tx
DCAN1 transmit data pin
IO
G20
dcan1_rx
DCAN1 receive data pin
IO
G19 / AD17
DCAN 2
dcan2_tx
DCAN2 transmit data pin
IO
E21/ B21
dcan2_rx
DCAN2 receive data pin
IO
F20/ AC17/ B20
4.4.17 Ethernet Interface (GMAC_SW)
CAUTION
The I/O timings provided in Section 7, Timing Requirements and Switching
Characteristics are valid only if signals within a single IOSET are used. The
IOSETs are defined in the Table 7-75, Table 7-78, Table 7-83 and Table 7-90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com