Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 120 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 120 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 116Page - Texas Instruments DRA752ABC Datasheet HTML 117Page - Texas Instruments DRA752ABC Datasheet HTML 118Page - Texas Instruments DRA752ABC Datasheet HTML 119Page - Texas Instruments DRA752ABC Datasheet HTML 120Page - Texas Instruments DRA752ABC Datasheet HTML 121Page - Texas Instruments DRA752ABC Datasheet HTML 122Page - Texas Instruments DRA752ABC Datasheet HTML 123Page - Texas Instruments DRA752ABC Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 443 page
background image
120
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-16. Universal Serial Bus Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
usb3_ulpi_d7
USB3 - ULPI 8-bit data bus
IO
AC5 / AF2
usb3_ulpi_nxt
USB3 - ULPI next
I
AC8 / AE2
usb3_ulpi_dir
USB3 - ULPI bus direction
I
AD6 / AE6
usb3_ulpi_stp
USB3 - ULPI stop
O
AB8 / AD2
usb3_ulpi_clk
USB3 - ULPI functional clock
I
AB5 / AD3
Universal Serial Bus 4
usb4_ulpi_d0
USB4 - ULPI 8-bit data bus (1)
IO
V6
usb4_ulpi_d1
USB4 - ULPI 8-bit data bus (1)
IO
U6
usb4_ulpi_d2
USB4 - ULPI 8-bit data bus (1)
IO
U5
usb4_ulpi_d3
USB4 - ULPI 8-bit data bus (1)
IO
V5
usb4_ulpi_d4
USB4 - ULPI 8-bit data bus (1)
IO
V4
usb4_ulpi_d5
USB4 - ULPI 8-bit data bus (1)
IO
V3
usb4_ulpi_d6
USB4 - ULPI 8-bit data bus (1)
IO
Y2
usb4_ulpi_d7
USB4 - ULPI 8-bit data bus (1)
IO
W2
usb4_ulpi_nxt
USB4 - ULPI next (1)
I
U7
usb4_ulpi_dir
USB4 - ULPI bus direction (1)
I
V7
usb4_ulpi_stp
USB4 - ULPI stop (1)
O
V9
usb4_ulpi_clk
USB4 - ULPI functional clock (1)
I
W9
(1) USB4 will not be supported on some pin-compatible roadmap devices. USB3 will be mapped to these balls instead. Pin compatibility can
be maintained in the future by either not using USB4, or via software change to use USB4 on this device, but USB3 on these balls in the
future.
4.4.14 SATA
NOTE
For more information, see the Serial Communication Interfaces / SATA section of the device
TRM.
Table 4-17. SATA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sata1_rxn0
SATA differential negative receiver lane 0
IOS
AH9
sata1_rxp0
SATA differential positive receiver lane 0
IOS
AG9
sata1_txn0
SATA differential negative transmitter lane 0
ODS
AG10
sata1_txp0
SATA differential positive transmitter lane 0
ODS
AH10
sata1_led
SATA channel activity indicator
O
A22 / G19
4.4.15 Peripheral Component Interconnect Express (PCIe)
NOTE
For more information, see the Serial Communication Interfaces / PCIe Controllers and the
Shared PHY Component Subsystems / PCIe Shared PHY Susbsytem sections of the device
TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com