Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIPY Datasheet(PDF) 6 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 6 Page - Pycom

Back Button FIPY Datasheet HTML 2Page - Pycom FIPY Datasheet HTML 3Page - Pycom FIPY Datasheet HTML 4Page - Pycom FIPY Datasheet HTML 5Page - Pycom FIPY Datasheet HTML 6Page - Pycom FIPY Datasheet HTML 7Page - Pycom FIPY Datasheet HTML 8Page - Pycom FIPY Datasheet HTML 9Page - Pycom FIPY Datasheet HTML 10Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
06
7.0
ESP32 Peripherals
Table 2 – Peripherals
* Requires an external CAN bus transceiver, we recommend the SN65HVD230 from Texas Instruments.
Peripheral
Count
Pins
UART
3
Remappable to any GPIO.
Note: P13–18 can only be mapped to RX or CTS since they are input only.
I2C
2
Remappable to any GPIO except P13–18 since they are input only and I2C is bi–directional.
SPI
3
Remappable to any GPIO.
Note: P13–18 can only be mapped to MISO since they are input only.
CAN*
1
Remappable to any GPIO.
Note: P13–18 can only be mapped to RX since they are input only.
JTAG
1
TDO = P4, TDI = P9, TCK = P10, TMS = P24
PWM
1
All GPIO except P13–18 which are input only
ADC
18
Fixed mapping, see Table 1, Only ADC 1 is supported in our micropython firmware.
DAC
2
Only available on P21 and P22
SD
1
DAT0 = P8, SCLK = P23, CMD = P4
8.0
Programming the device
8.1
UART
By default, the modules run an interactive python REPL
on UART0 which is connected to P0 (RX) and P1 (TX)
running at 115200 baud. The easiest way to connect to
the FiPy is via our expansion board, but any USB UART
adapter will suffice. Code can be run via this interactive
REPL or you can use our PyMakr plugin for Atom or
Visual Studio Code to upload code to the board.
8.2
Wi–Fi
By default, the FiPy also acts as a Wi–Fi access point
SSID: fipy–wlan–XXXX
Password: www.pycom.io
Once connected to the FiPy’s Wi–Fi network you can
access it in two ways.
8.2.1 Telnet
Running on port 23 is a telnet server. This acts in a
very similar way to the UART. It presents you with an
interactive REPL and can also be used to upload code
via PyMakr.
8.2.2
FTP
The FiPy also runs a FTP server that allows you to copy
files to and from the device, include an SD card if one is
connected. To connect to this FTP server, you need to use
plain FTP (un–encrypted) with the following credentials:
User: micro
Password: python
For a more detailed description of the ESP32 peripherals
along with peripherals not currently supported by our
firmware, please check the ESP32 datasheet.
7.1
RTC
Our modules by default all use the internal RC oscillator at
150kHz for the RTC. In the case of the FiPy, the external
RTC pins are used by the LTE module, and therefore the
external RTC oscillator is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com